Electronic Components Datasheet Search
  English  ▼

X  

HML1213 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # HML1213
Description  L2160 ELEMENT LINEARIMAGE SENSOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HML1213 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  HML1213 Datasheet HTML 1Page - List of Unclassifed Manufacturers HML1213 Datasheet HTML 2Page - List of Unclassifed Manufacturers HML1213 Datasheet HTML 3Page - List of Unclassifed Manufacturers HML1213 Datasheet HTML 4Page - List of Unclassifed Manufacturers HML1213 Datasheet HTML 5Page - List of Unclassifed Manufacturers HML1213 Datasheet HTML 6Page - List of Unclassifed Manufacturers HML1213 Datasheet HTML 7Page - List of Unclassifed Manufacturers HML1213 Datasheet HTML 8Page - List of Unclassifed Manufacturers HML1213 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
HML1213
L2160 ELEMENTS LINEAR IMAGE SENSOR
GENERAL DESCRIPTION
uThe HML1213 is a low dark current and high sensitive
linear image sensor with 2160 elements of sensor which can
read 8 line/mm (200DPI) acroess a B4 size paper.
The sensor size is 14
µm ×14µm on 14µm pitch.The device
is operated by 12V power supply and 5V pulse of clock.
The package is 22 pin cerdip which is made by high quality
ceramic sealing with optical glass_window.
APPLICATIONS
ubar code reader.
uspectrum analyzer.
u Fax scanner.
FEATURES
u2160
×1 elements of image sensor.
usensor size 14
µm ×14µm on 14µm pitch.
uoperation frequency(typical) : 0.5MHZ.
uresponsivity : 31 V/(lux
•sec)
u2 phase clocking.
u12V DC power, 5V pulse clocking.
uPeak wavelength spectral response : 570nm.
CIRCUIT DIAGRAM
- 1 -
HUALON Microelectronics corporation
,No 1,R&D 4th rd. science-based
industrial park HSIN-CHU city,Taiwan.R.O.C
.
TEL:(02)5377811,(02)5638813,(03)5774945,(03)5783221
FAX: (02)5315241,(03)5774305
DUMMY
D13..D63
DUMMY
D64..D75
PHOTO SENSOR
S1......................S2160
SHIFT GATE
SHIFT GATE
CCD ANALOG SHIFT REGISTER
CCD ANLOG SHIFT REGISTER
SIGNAL OUTPUT
BUFFER
COMPEN-SATION
OUTPUT BUFFER
6
19
21
3
2
22
CK1
CK2
SH
VDD
VC
VOUT
AVSS
1
20
DVSS
4
RS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com