Electronic Components Datasheet Search
  English  ▼

X  

HML1213 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # HML1213
Description  L2160 ELEMENT LINEARIMAGE SENSOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HML1213 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button HML1213 Datasheet HTML 4Page - List of Unclassifed Manufacturers HML1213 Datasheet HTML 5Page - List of Unclassifed Manufacturers HML1213 Datasheet HTML 6Page - List of Unclassifed Manufacturers HML1213 Datasheet HTML 7Page - List of Unclassifed Manufacturers HML1213 Datasheet HTML 8Page - List of Unclassifed Manufacturers HML1213 Datasheet HTML 9Page - List of Unclassifed Manufacturers HML1213 Datasheet HTML 10Page - List of Unclassifed Manufacturers HML1213 Datasheet HTML 11Page - List of Unclassifed Manufacturers HML1213 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
HML1213
L2160 ELEMENTS LINEAR IMAGE SENSOR
PACKAGE OUTLINE
30.2 (14 um x 2160)
41.6
0.4
12
sensor 1 position to pin 1 center 0.9
8.1
0.3
20.8
center line
9.65
0.3
4.82
0.3
1
2.54 0.25
0.47 0.05
1.65 0.18
0.44 0.15
4.0 0.13
2.52
0.2
0.7 0.05
0.25 0.05
10.5 0.1
0.5
unit: mm
package structure
package material
ceramic
lead material
alloy with tin planting
glass refractive index
1.51
- 11 -



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com