Electronic Components Datasheet Search
  English  ▼

X  

HML1213 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # HML1213
Description  L2160 ELEMENT LINEARIMAGE SENSOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HML1213 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  HML1213 Datasheet HTML 1Page - List of Unclassifed Manufacturers HML1213 Datasheet HTML 2Page - List of Unclassifed Manufacturers HML1213 Datasheet HTML 3Page - List of Unclassifed Manufacturers HML1213 Datasheet HTML 4Page - List of Unclassifed Manufacturers HML1213 Datasheet HTML 5Page - List of Unclassifed Manufacturers HML1213 Datasheet HTML 6Page - List of Unclassifed Manufacturers HML1213 Datasheet HTML 7Page - List of Unclassifed Manufacturers HML1213 Datasheet HTML 8Page - List of Unclassifed Manufacturers HML1213 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
HML1213
L2160 ELEMENTS LINEAR IMAGE SENSOR
PIN ASSIGNMENT
PIN DESCRIPTION
Name
Description
VO
Signal output
VC
Compensation output
VDD
DC power supply
CK1
Clock phase 1
CK2
Clock phase 2
RS
Reset gate
SH
Shift gate
AVSS
Analog ground
DVSS
Digital ground
NC
Nonconnection
ABSOLUTE
MAXIMUM
RATINGS
Parameter
Rating
Min
Max
Unit
Operating temperature
-25
+60
°C
Storage temperature
-40
+80
°C
Operating humidity
35
%
80
%
at 40
°C
Storage humidity
20
%
90
%
at 40
°C
Clock pulse voltage
-0.2
Vdd
V
Shift pulse voltage
-0.2
Vdd
V
Reset pulse voltage
-0.2
Vdd
V
Power supply voltage
-0.2
+13
V
- 2 -
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
VOUT
VC
VDD
RS
NC
CK1
NC
NC
NC
NC
NC
AVSS
SH
DVSS
CK2
NC
NC
NC
NC
NC
NC
NC
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com