Electronic Components Datasheet Search
  English  ▼

X  

HML1213 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # HML1213
Description  L2160 ELEMENT LINEARIMAGE SENSOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HML1213 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  HML1213 Datasheet HTML 1Page - List of Unclassifed Manufacturers HML1213 Datasheet HTML 2Page - List of Unclassifed Manufacturers HML1213 Datasheet HTML 3Page - List of Unclassifed Manufacturers HML1213 Datasheet HTML 4Page - List of Unclassifed Manufacturers HML1213 Datasheet HTML 5Page - List of Unclassifed Manufacturers HML1213 Datasheet HTML 6Page - List of Unclassifed Manufacturers HML1213 Datasheet HTML 7Page - List of Unclassifed Manufacturers HML1213 Datasheet HTML 8Page - List of Unclassifed Manufacturers HML1213 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
HML1213
L2160 ELEMENTS LINEAR IMAGE SENSOR
3:Photorespons nonuniformity (PRNU) :
x
Xmax
PRNU1 is defined as PRNU
X
X
1
100%
=
×
∆
max
X is average of total output signal,
∆X
max is the maximum deviation from
X
PRNU2 is defined as PRNU
X
X
next
2
100%
=
×
∆
∆X
next is maximum difference of next pixel
4:Register Imbalance (RI) :
RI is defined as follows
RI
X
X
X
n
n
=
−
×
×
+
∑
1
1
2159
2159
100%
Where X
n and
X
n
+1 are output
signal of each pixel .
X is average of total output signal.
5:Dark signal voltage (DS) :
Dark signal is defined as average dark signal voltage of all effective pixels under room temperature
25
°C,and integration time 10ms.
6:Dark signal nonuniformity (DSNU) :
The DSNU is defined as the different dark voltage between the peak voltage and average voltage under
room temperature 25
°C and integration time 10ms.
average dark signal
peak dark signal
- 4 -



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com