Electronic Components Datasheet Search
  English  ▼

X  

HML1213 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # HML1213
Description  L2160 ELEMENT LINEARIMAGE SENSOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HML1213 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  HML1213 Datasheet HTML 1Page - List of Unclassifed Manufacturers HML1213 Datasheet HTML 2Page - List of Unclassifed Manufacturers HML1213 Datasheet HTML 3Page - List of Unclassifed Manufacturers HML1213 Datasheet HTML 4Page - List of Unclassifed Manufacturers HML1213 Datasheet HTML 5Page - List of Unclassifed Manufacturers HML1213 Datasheet HTML 6Page - List of Unclassifed Manufacturers HML1213 Datasheet HTML 7Page - List of Unclassifed Manufacturers HML1213 Datasheet HTML 8Page - List of Unclassifed Manufacturers HML1213 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
HML1213
L2160 ELEMENTS LINEAR IMAGE SENSOR
OPTICAL /ELECTRICAL CHARACTERISTICS
Temperature=25
°C, Vdd=12V,CK1(CK2,RS,SH ) =5V pulse, f
CK =0.25MHZ, f RS =0.5MHZ,Tint =10ms
,Load resistance=100K
Ω,Light source = 3200
°K halogen lamp+ CM500( infrared IR cutoff filter)
CHARACTERISTIC
SYMBOL
MIN
TYP
MAX
UNIT
NOTE
Responsivity
R
25
31
37
V
lx
• sec
Dynamic range
DR
---
1800
---
1
Saturation Voltage
Vsat
1.5
1.8
---
V
2
Saturation exposure
SE
---
0.036
---
lx
•sec
2
Total transfer efficiency
TTE
92
96
---
%
Output impedance
Z
---
450
---
Ω
DC power dissipation
P
---
72
180
mW
Photorespons non-uniformity
PRNU1
---
---
10
%
3
Photorespons non-uniformity
PRNU2
---
---
10
%
3
Register imbalance
RI
---
---
4
%
4
Dark signal voltage
DS
---
1
5
mV
5
Dark signal non-uniformity
DSNU
---
---
5
mV
6
Output DC level
Vo
4.5
---
6.6
V
7
Compensation DC level
Vc
4.5
---
6.6
V
7
DC mismatch voltage
MDC
---
---
500
mV
7
NOTE:
1:Dynamic range (DR) :
Dynamic range is defined as
DR
V
DS
SAT
=
¡ ¯
DS is proportional to Tint (integration time )
2:Saturation voltage (Vsat)
and Saturation exposure(SE) :
Vsat is defined as the minimum saturation output voltage of all effective pixels.
And the exposure is defined as saturation exposure SE.
- 3 -



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com