Electronic Components Datasheet Search
  English  ▼

X  

1104LS Datasheet(PDF) 6 Page - STANLEY ELECTRIC CO.,LTD.

Part # 1104LS
Description  Wide range temperature applicable product
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

1104LS Datasheet(HTML) 6 Page - STANLEY ELECTRIC CO.,LTD.

Back Button 1104LS Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. 1104LS Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. 1104LS Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. 1104LS Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. 1104LS Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. 1104LS Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. 1104LS Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. 1104LS Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. 1104LS Datasheet HTML 10Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
1104LS series
Rank
MIN.
MAX.
Rank
MIN.
MAX.
C2
120
150
B
613
616
C3
150
180
C
616
619
C4
180
220
Rank
MIN.
MAX.
Rank
MIN.
MAX.
CY
680
820
B
613
616
CZ
820
1,000
C
616
619
D1
1,000
1,200
Rank
MIN.
MAX.
Rank
MIN.
MAX.
C1
100
120
A
620
626
C2
120
150
B
626
632
C3
150
180
Rank
MIN.
MAX.
Rank
MIN.
MAX.
C3
150
180
B
626
632
C4
180
220
C
632
638
C5
220
270
Ta=25℃
50mA
Ta=25℃
20mA
Ta=25℃
20mA
Ta=25℃
20mA
Luminous intensity Iv (mcd)
Dominant wavelength λd (nm)
Conditions
Part name
Luminous intensity Iv (mcd)
Dominant wavelength λd (nm)
Conditions
Luminous intensity Iv (mcd)
Dominant wavelength λd (nm)
Conditions
Part name
Luminous intensity Iv (mcd)
Dominant wavelength λd (nm)
Conditions
VFJR1104LS
VFHR1104LS
VFGV1104LS
VFHV1104LS
Part name
Part name
Page 6
2017.11.20
Sorting chart for Luminous intensity and Emitting color



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com