Electronic Components Datasheet Search
  English  ▼

X  

1104LS Datasheet(PDF) 19 Page - STANLEY ELECTRIC CO.,LTD.

Part # 1104LS
Description  Wide range temperature applicable product
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

1104LS Datasheet(HTML) 19 Page - STANLEY ELECTRIC CO.,LTD.

Back Button 1104LS Datasheet HTML 13Page - STANLEY ELECTRIC CO.,LTD. 1104LS Datasheet HTML 14Page - STANLEY ELECTRIC CO.,LTD. 1104LS Datasheet HTML 15Page - STANLEY ELECTRIC CO.,LTD. 1104LS Datasheet HTML 16Page - STANLEY ELECTRIC CO.,LTD. 1104LS Datasheet HTML 17Page - STANLEY ELECTRIC CO.,LTD. 1104LS Datasheet HTML 18Page - STANLEY ELECTRIC CO.,LTD. 1104LS Datasheet HTML 19Page - STANLEY ELECTRIC CO.,LTD. 1104LS Datasheet HTML 20Page - STANLEY ELECTRIC CO.,LTD. 1104LS Datasheet HTML 21Page - STANLEY ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
1104LS series
Correspondence to RoHS・ELV instruction
This product is in compliance with RoHS・ELV.
Prohibition substance and it's criteria value of RoHS・ELV are as follows.
・
RoHS instruction …… Refer to following (1)~(6).
・
ELV instruction ………. Refer to following (1)~(4).
Substance group name
Criteria value
(1)
Lead and its compounds
1,000ppm Max
(2)
Cadmium and its compounds
100ppm Max
(3)
Mercury and its compounds
1,000ppm Max
(4)
Hexavalent chromium
1,000ppm Max
(5)
PBB
1,000ppm Max
(6)
PBDE
1,000ppm Max
Page 19
2017.11.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com