Electronic Components Datasheet Search
  English  ▼

X  

1104LS Datasheet(PDF) 20 Page - STANLEY ELECTRIC CO.,LTD.

Part # 1104LS
Description  Wide range temperature applicable product
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

1104LS Datasheet(HTML) 20 Page - STANLEY ELECTRIC CO.,LTD.

Back Button 1104LS Datasheet HTML 13Page - STANLEY ELECTRIC CO.,LTD. 1104LS Datasheet HTML 14Page - STANLEY ELECTRIC CO.,LTD. 1104LS Datasheet HTML 15Page - STANLEY ELECTRIC CO.,LTD. 1104LS Datasheet HTML 16Page - STANLEY ELECTRIC CO.,LTD. 1104LS Datasheet HTML 17Page - STANLEY ELECTRIC CO.,LTD. 1104LS Datasheet HTML 18Page - STANLEY ELECTRIC CO.,LTD. 1104LS Datasheet HTML 19Page - STANLEY ELECTRIC CO.,LTD. 1104LS Datasheet HTML 20Page - STANLEY ELECTRIC CO.,LTD. 1104LS Datasheet HTML 21Page - STANLEY ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
1104LS series
Reliability testing result
Failure criteria
Reliability testing result
Applicable standard
Testing conditions
Duration
Failure
Room temp.
operating life
EIAJ ED-
4701/100(101)
Ta = 25℃, IF = Maxium rated current
1,000 h
0/20
High temp.
operating life
EIAJ ED-
4701/100(101)
Ta = 85℃
IF = Derating Value
1,000 h
0/20
Low temp.
operating life
EIAJ ED-
4701/100(101)
Ta = -40℃, IF = Maxium rated current
1,000 h
0/20
Wet high temp.
operating life
EIAJ ED-
4701/100(102)
Ta = 60℃, 90%RH, IF = Maxium rated current
1,000 h
0/20
Wet high temp.
storage life
EIAJ ED-
4701/100(103)
Ta = 60℃, 90%RH
1,000 h
0/20
Thermal shock
EIAJ ED-
4701/100(105)
Ta = -40℃ ~ 120℃ (each 15min.)
1,000 cycles
0/20
Thermal shock
operating
EIAJ ED-
4701/100(105)
Ta = -40℃(OFF) ~ 85℃(ON)
each 15min. IF = Derating value
1,000 cycles
0/20
High temp.
storage life
EIAJ ED-
4701/200(201)
Ta = 120℃
1,000 h
0/20
Low temp.
storage life
EIAJ ED-
4701/200(202)
Ta = -40℃
1,000 h
0/20
Cycled temp. humidity
operating life
EIAJ ED-
4701/200(203)
Ta = -30℃(2h) ~ 80℃, 95%RH(2h),
8h/cycle
IF = Derating value 5min on-off
30 cycles
0/20
Resistance to reflow
soldering
EIAJ ED-
4701/300(301)
Moisture soak : 30℃, 70%RH, 672h
Preheat : 150℃~180℃ (120s Max.)
Soldering temp. : 260℃ (5s)
2 times
0/20
Electric static
discharge (ESD)
※ 1
EIAJ ED-
4701/300(304)
C = 100pF, R2 = 1.5KΩ, ±2,000V
once each
polarity
0/10
Vibration,
Variable frequency
EIAJ ED-
4701/400(403)
98.1m/s
2 (10G), 100 ~ 2KHz, 20min.
XYZ each direction
2 h
0/10
Items
Symbols
Conditions
Failure criteria
Luminous intensity
Iv
IF value of each product
luminous intensity
Testing min. value < Spec. min. value x 0.5
Forward voltage
VF
IF value of each product
forward voltage
Testing max. value ≧ Spec. max. value x 1.2
Reverse current
IR
VR = Maximum rated
reverse voltage
Testing max. value ≧ Spec. max. value x 2.5
Cosmetic appearance
-
-
Occurrence of notable decoloration,
deformation and cracking
※1 Reference test
Page 20
2017.11.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com