Electronic Components Datasheet Search
  English  ▼

X  

1104LS Datasheet(PDF) 16 Page - STANLEY ELECTRIC CO.,LTD.

Part # 1104LS
Description  Wide range temperature applicable product
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

1104LS Datasheet(HTML) 16 Page - STANLEY ELECTRIC CO.,LTD.

Back Button 1104LS Datasheet HTML 12Page - STANLEY ELECTRIC CO.,LTD. 1104LS Datasheet HTML 13Page - STANLEY ELECTRIC CO.,LTD. 1104LS Datasheet HTML 14Page - STANLEY ELECTRIC CO.,LTD. 1104LS Datasheet HTML 15Page - STANLEY ELECTRIC CO.,LTD. 1104LS Datasheet HTML 16Page - STANLEY ELECTRIC CO.,LTD. 1104LS Datasheet HTML 17Page - STANLEY ELECTRIC CO.,LTD. 1104LS Datasheet HTML 18Page - STANLEY ELECTRIC CO.,LTD. 1104LS Datasheet HTML 19Page - STANLEY ELECTRIC CO.,LTD. 1104LS Datasheet HTML 20Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
1104LS series
Taping and reel specifications
(acc.to JIS-C0806-03)
【Qty. per reel】
【Mechanical strength】
【Others】
2,000parts/reel
Minimum Qty. per reel might be 500 parts when getting less than 2,000 parts. In such case, parts
of 500-unit-qty. shall be packed in a reel and the qty. shall be identified on the label.
Cover-tape adhesive strength shall be 0.1~1.0N ( An angle between carrier-tape and cover-tape
shall be170 deg. ) Both tapes shall be so sealed that the contained parts will not come out from the
tape when it is bent at a radius of 15mm.
Qty./reel
Max. qty. of empty pocket
Remarks
500
1
-
1,000
1
-
1,500
1
-
2,000
2
No continuance
Reversed-orientation, Up-side down placing, side placing and out of spec. parts mixing shall not be held.
Max. qty. of empty pocket per reel shall be defined as follows.
Page 16
2017.11.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com