Electronic Components Datasheet Search
  English  ▼

X  

X98014 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # X98014
Description  140MHz Triple Video Digitizer with Digital PLL
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X98014 Datasheet(HTML) 1 Page - Renesas Technology Corp

  X98014 Datasheet HTML 1Page - Renesas Technology Corp X98014 Datasheet HTML 2Page - Renesas Technology Corp X98014 Datasheet HTML 3Page - Renesas Technology Corp X98014 Datasheet HTML 4Page - Renesas Technology Corp X98014 Datasheet HTML 5Page - Renesas Technology Corp X98014 Datasheet HTML 6Page - Renesas Technology Corp X98014 Datasheet HTML 7Page - Renesas Technology Corp X98014 Datasheet HTML 8Page - Renesas Technology Corp X98014 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
FN8217 Rev 3.00
Page 1 of 29
March 8, 2006
FN8217
Rev 3.00
March 8, 2006
X98014
140MHz Triple Video Digitizer with Digital PLL
DATASHEET
The X98014 3-channel, 8-bit Analog Front End (AFE)
contains all the components necessary to digitize analog
RGB or YUV graphics signals from personal computers,
workstations and video set-top boxes. The fully differential
analog design provides high PSRR and dynamic
performance to meet the stringent requirements of the
graphics display industry. The AFE’s 140MSPS conversion
rate supports resolutions up to SXGA at 75Hz refresh rate,
while the front end's high input bandwidth ensures sharp
images at the highest resolutions.
To minimize noise, the X98014's analog section features 2
sets of pseudo-differential RGB inputs with programmable
input bandwidth, as well as internal DC restore clamping
(including mid-scale clamping for YUV signals). This is
followed by the programmable gain/offset stage and the
three 140MSPS Analog-to-Digital Converters (ADCs).
Automatic Black Level Compensation (ABLC™
 eliminates
part-to-part offset variation, ensuring perfect black level
performance in every application.
The X98014's digital PLL generates a pixel clock from the
analog source's HSYNC or SOG (Sync-On-Green) signals.
Pixel clock output frequencies range from 10MHz to 140MHz
with sampling clock jitter of 250ps peak to peak.
Features
• 140MSPS maximum conversion rate
• Low PLL clock jitter (250ps p-p @ 140MSPS)
• 64 interpixel sampling positions
• 0.35Vp-p to 1.4Vp-p video input range
• Programmable bandwidth (100MHz to 780MHz)
• 2 channel input multiplexer
• RGB and YUV 4:2:2 output formats
• 5 embedded voltage regulators allow operation from
single 3.3V supply and enhance performance, isolation
• Completely independent 8 bit gain/10 bit offset control
• CSYNC and SOG support
• Trilevel sync detection
• 990mW typical PD @ 140MSPS
• Pb-free plus anneal available (RoHS compliant)
Applications
• LCD Monitors and Projectors
• Digital TVs
• Plasma Display Panels
• RGB Graphics Processing
• Scan Converters
Simplified Block Diagram
RGB/YPbPrIN 1
PGA
8 bit ADC
Offset
DAC
ABLC™
8 or 16
x3
SOGIN1/2
HSYNCIN1/2
VSYNCIN1/2
Sync
Processing
Digital PLL
Voltage
Clamp
RGB/YPbPrIN 2
3
3
RGB/YUVOUT
PIXELCLKOUT
HSOUT
HSYNCOUT
AFE Configuration and Control
VSYNCOUT
+
NOT RECOMMENDED FOR NEW DESIGNS -
THE ISL98001-140 IS A 100% COMPATIBLE
IMPROVED ALTERNATIVE


Similar Part No. - X98014

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X98014 INTERSIL-X98014 Datasheet
294Kb / 29P
140MHz Triple Video Digitizer with Digital PLL
June 3, 2005
X98014 INTERSIL-X98014 Datasheet
440Kb / 29P
140MHz Triple Video Digitizer with Digital PLL
March 8, 2006
X98014 INTERSIL-X98014 Datasheet
443Kb / 29P
140MHz Triple Video Digitizer with Digital PLL
March 8, 2006
X98014L128-3.3 INTERSIL-X98014L128-3.3 Datasheet
294Kb / 29P
140MHz Triple Video Digitizer with Digital PLL
June 3, 2005
X98014L128-3.3 INTERSIL-X98014L128-3.3 Datasheet
440Kb / 29P
140MHz Triple Video Digitizer with Digital PLL
March 8, 2006
More results

Similar Description - X98014

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X98014 INTERSIL-X98014 Datasheet
294Kb / 29P
140MHz Triple Video Digitizer with Digital PLL
June 3, 2005
ISL98001 INTERSIL-ISL98001_06 Datasheet
488Kb / 31P
Triple Video Digitizer with Digital PLL
March 8, 2006
X98014 INTERSIL-X98014_06 Datasheet
440Kb / 29P
140MHz Triple Video Digitizer with Digital PLL
March 8, 2006
ISL98001 INTERSIL-ISL98001_07 Datasheet
370Kb / 31P
Triple Video Digitizer with Digital PLL
August 20, 2007
ISL98002 INTERSIL-ISL98002 Datasheet
510Kb / 28P
Triple Video Digitizer with Digital PLL
ISL98001 INTERSIL-ISL98001 Datasheet
474Kb / 31P
Triple Video Digitizer with Digital PLL
September 21, 2010
ISL98001IQZ-140 INTERSIL-ISL98001IQZ-140 Datasheet
470Kb / 31P
Triple Video Digitizer with Digital PLL
September 21, 2010
X98014L128-3.3 INTERSIL-X98014L128-3.3 Datasheet
443Kb / 29P
140MHz Triple Video Digitizer with Digital PLL
March 8, 2006
logo
Renesas Technology Corp
ISL98001 RENESAS-ISL98001 Datasheet
1Mb / 31P
Triple Video Digitizer with Digital PLL
ISL98002 RENESAS-ISL98002 Datasheet
1Mb / 28P
Triple Video Digitizer with Digital PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com