Electronic Components Datasheet Search
  English  ▼

X  

X98014 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # X98014
Description  140MHz Triple Video Digitizer with Digital PLL
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X98014 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button X98014 Datasheet HTML 17Page - Renesas Technology Corp X98014 Datasheet HTML 18Page - Renesas Technology Corp X98014 Datasheet HTML 19Page - Renesas Technology Corp X98014 Datasheet HTML 20Page - Renesas Technology Corp X98014 Datasheet HTML 21Page - Renesas Technology Corp X98014 Datasheet HTML 22Page - Renesas Technology Corp X98014 Datasheet HTML 23Page - Renesas Technology Corp X98014 Datasheet HTML 24Page - Renesas Technology Corp X98014 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
X98014
FN8217 Rev 3.00
Page 21 of 29
March 8, 2006
HSYNC and VSYNC Activity Detect
Activity on these bits always indicates valid sync pulses, so
they should have the highest priority and be used even if the
SOG activity bit is also set.
SOG Activity Detect
The SOG activity detect bit monitors the output of the SOG
slicer, looking for 64 consecutive pulses with the same period
and duty cycle. If there is no signal on the Green (or Y)
channel, the SOG slicer will clamp the video to a DC level and
will reject any sporadic noise. There should be no false positive
SOG detects if there is no video on Green (or Y).
If there is video on Green (or Y) with no valid SOG signal, the
SOG activity detect bit may sometimes report false positives (it
will detect SOG when no SOG is actually present). This is due
to the presence of video with a repetitive pattern that creates a
waveform similar to SOG. For example, the desktop of a PC
operating system is black during the front porch, horizontal
sync, and back porch, then increases to a larger value for the
visible portion of the screen. This creates a repetitive video
waveform very similar to SOG that may falsely trigger the SOG
Activity detect bit. However, in these cases where there is
active video without SOG, the SYNC information will be
provided either as separate H and V sync on HSYNCIN and
VSYNCIN, or composite sync on HSYNCIN. HSYNCIN and
VSYNCIN should therefore be used to qualify SOG. The SOG
Active bit should only be considered valid if HSYNC Activity
Detect = 0. Note: Some pattern generators can output HSYNC
and SOG simultaneously, in which case both the HSYNC and
the SOG activity bits will be set, and valid. Even in this case,
however, the monitor should still choose HSYNC over SOG.
TriLevel Sync Detect
Unlike SOG detect, the TriLevel Sync detect function does not
check for 64 consecutive trilevel pulses in a row, and is
therefore less robust than the SOG detect function. It will report
false positives for SOG-less video for the same reasons the
SOG activity detect does, and should therefore be qualified
with both HSYNC and SOG. TriLevel Sync Detect should only
be considered valid if HSYNC Activity Detect = 0 and SOG
Activity Detect = 1.
If there is a SOG signal, the TriLevel Detect bit will operate
correctly for standard trilevel sync levels (600mVp-p). In some
real-world situations, the peak-to-peak sync amplitude may be
significantly smaller, sometimes 300mVp-p or less. In these
cases the sync slicer will continue to operate correctly, but the
TriLevel Detect bit may not be set. Trilevel detection accuracy
can be enhanced by polling the trilevel bit multiple times. If
HSYNC is inactive, SOG is present, and the TriLevel Sync
Detect bit is read as a 1, there is a high likelihood there is
trilevel sync.
CSYNC Present
If a composite sync source (either CSYNC on HSYNC or SOG)
is selected through bits 3 and 4 of register 0x05, the CSYNC
Present bit in register 0x01 should be set. CSYNC Present
detects the presence of a low frequency, repetitive signal
inside HSYNC, which indicates a VSYNC signal. The CSYNC
Present bit should be used to confirm that the signal being
received is a reliable composite sync source.
SYNC Output Signals
The X98014 has 2 pairs of HSYNC and VSYNC output signals,
HSYNCOUT and VSYNCOUT, and HSOUT and VSOUT.
HSYNCOUT and VSYNCOUT are buffered versions of the
incoming sync signals; no synchronization is done. These
signals should be used for mode detection.
HSOUT and VSOUT are generated by the X98014’s logic and
are synchronized to the output DATACLK and the digital pixel
data on the output databus. HSOUT is used to signal the start
of a new line of digital data. VSOUT is not needed in most
applications.
Both HSYNCOUT and VSYNCOUT (including the sync
separator function) remain active in power down mode. This
allows them to be used in conjunction with the Sync Status
registers to detect valid video without powering up the X98014.
HSYNCOUT
HSYNCOUT is an unmodified, buffered version of the incoming
HSYNCIN or SOGIN signal of the selected channel, with the
incoming signal’s period, polarity, and width to aid in mode
detection. HSYNCOUT will be the same format as the incoming
sync signal: either horizontal or composite sync. If a SOG input
TABLE 6. SYNC SOURCE DETECTION TABLE
HSYNC
DETECT
VSYNC
DETECT
SOG
DETECT
TRILEVEL
DETECT
RESULT
1
1
X
X
Sync is on HSYNC and VSYNC
1
0
X
X
Sync is composite sync on HSYNC. Set Input configuration register to CSYNC on HSYNC
and confirm that CSYNC detect bit is set.
0
0
1
0
Sync is composite sync on SOG. It is possible that trilevel sync is present but amplitude
is too low to set trilevel detect bit. Use video mode table to determine if this video mode is
likely to have trilevel sync, and set clamp start, width values appropriately if it is.
0
0
1
1
Sync is composite sync on SOG. Sync is likely to be trilevel.
0
0
0
X
No valid sync sources on any input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com