Electronic Components Datasheet Search
  English  ▼

X  

X98014 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # X98014
Description  140MHz Triple Video Digitizer with Digital PLL
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X98014 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button X98014 Datasheet HTML 11Page - Renesas Technology Corp X98014 Datasheet HTML 12Page - Renesas Technology Corp X98014 Datasheet HTML 13Page - Renesas Technology Corp X98014 Datasheet HTML 14Page - Renesas Technology Corp X98014 Datasheet HTML 15Page - Renesas Technology Corp X98014 Datasheet HTML 16Page - Renesas Technology Corp X98014 Datasheet HTML 17Page - Renesas Technology Corp X98014 Datasheet HTML 18Page - Renesas Technology Corp X98014 Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
X98014
FN8217 Rev 3.00
Page 15 of 29
March 8, 2006
Technical Highlights
The X98014 provides all the features of traditional triple
channel video AFEs, but adds several next-generation
enhancements, bringing performance and ease of use to new
levels.
DPLL
All video AFEs must phase lock to an HSYNC signal, supplied
either directly or embedded in the video stream (Sync On
Green). Historically this function has been implemented as a
traditional analog PLL. At SXGA and lower resolutions, an
analog PLL solution has proven adequate, if somewhat
troublesome (due to the need to adjust charge pump currents,
VCO ranges and other parameters to find the optimum trade-
off for a wide range of pixel rates).
As display resolutions and refresh rates have increased,
however, the pixel period has decreased. An XGA pixel at a
60Hz refresh rate has 15.4ns to change and settle to its new
value. But at UXGA 75Hz, the pixel period is 4.9ns. Most
consumer graphics cards spend most of that time slewing to
the new pixel value. The pixel may settle to its final value with
1ns or less before it begins slewing to the next pixel. In many
cases it never settles at all. So precision, low-jitter sampling is
a fundamental requirement at these speeds, and a difficult one
for an analog PLL to meet.
The X98014's DPLL has less than 250ps of jitter, peak to peak,
and independent of the pixel rate. The DPLL generates 64
phase steps per pixel (vs. the industry standard 32), for fine,
accurate positioning of the sampling point. The crystal-locked
NCO inside the DPLL completely eliminates drift due to charge
pump leakage, so there is inherently no frequency or phase
change across a line. An intelligent all-digital loop
filter/controller eliminates the need for the user to have to
program or change anything (except for the number of pixels)
to lock over a range from interlaced video (10MHz or higher) to
SXGA 75Hz (140MHz).
The DPLL eliminates much of the performance limitations and
complexity associated with noise-free digitization of high speed
signals.
Automatic Black Level Compensation (ABLC™) and
Gain Control
Traditional video AFEs have an offset DAC prior to the ADC, to
both correct for offsets on the incoming video signals and
add/subtract an offset for user “brightness control”. This
solution is adequate, but it places significant requirements on
the system's firmware, which must execute a loop that detects
the black portion of the signal and then servos the offset DACs
until that offset is nulled (or produces the desired ADC output
code). Once this has been accomplished, the offset (both the
offset in the AFE and the offset of the video card generating the
signal) is subject to drift - the temperature inside a monitor or
projector can easily change 50°C between power-on/offset
calibration on a cold morning and the temperature reached
once the monitor and the monitor's environment have reached
steady state. Offset can drift significantly over 50°C, reducing
0x1B
Power Control (0x00)
0
Red
Power Down
0 = Red ADC operational (default)
1 = Red ADC powered down
1
Green
Power Down
0 = Green ADC operational (default)
1 = Green ADC powered down
2Blue
Power Down
0 = Blue ADC operational (default)
1 = Blue ADC powered down
3PLL
Power Down
0 = PLL operational (default)
1 = PLL powered down
7:4
Reserved
Set to 0
0x1C
Reserved (0x47)
7:0
Reserved
Set to 0x49 for best performance with NTSC and PAL video
0x23
DC Restore Clamp (0x08)
3:0
Reserved
Set to 1000
6:4
DC Restore Clamp
Impedance
DC Restore clamp's ON resistance.
Shared for all three channels
0: Infinite (clamp disconnected) (default)
1: 1600
2: 800
3: 533
4: 400
5: 320
6: 267
7: 228
7
Reserved
Set to 0
Register Listing (Continued)
ADDRESS
REGISTER (DEFAULT VALUE)
BIT(s)
FUNCTION NAME
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com