Electronic Components Datasheet Search
  English  ▼

X  

X98014 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # X98014
Description  140MHz Triple Video Digitizer with Digital PLL
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X98014 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button X98014 Datasheet HTML 6Page - Renesas Technology Corp X98014 Datasheet HTML 7Page - Renesas Technology Corp X98014 Datasheet HTML 8Page - Renesas Technology Corp X98014 Datasheet HTML 9Page - Renesas Technology Corp X98014 Datasheet HTML 10Page - Renesas Technology Corp X98014 Datasheet HTML 11Page - Renesas Technology Corp X98014 Datasheet HTML 12Page - Renesas Technology Corp X98014 Datasheet HTML 13Page - Renesas Technology Corp X98014 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
X98014
FN8217 Rev 3.00
Page 10 of 29
March 8, 2006
HSOUT
125
3.3V digital output. HSYNC output aligned with pixel data. Use this output to frame the digital output data.
This output is always purely horizontal sync (without any composite sync signals)
VSOUT
126
3.3V digital output.Artificial VSYNC output aligned with pixel data. VSYNC is generated 8 pixel clocks after
the trailing edge of HSOUT. This signal is usually not needed - use VSYNCOUT as VSYNC source.
HSYNCOUT
127
3.3V digital output. Buffered HSYNC (or SOG or CSYNC) output. This is typically used to measure HSYNC
period. HSOUT should be used to detect the beginning of a line. This output will pass composite sync signals
and Macrovision signals if present on HSYNCIN or SOGIN.
VSYNCOUT
128
3.3V digital output. Buffered VSYNC output. For composite sync signals, this output will be asserted for the
duration of the disruption of the normal HSYNC pattern. This is typically used to detect the beginning of a
frame and measure the VSYNC period.
VA
6, 11, 18, 20,
29, 35
Power supply for the analog section. Connect to a 3.3V supply and bypass each pin to GNDA with 0.1µF.
GNDA
3, 5, 8, 10, 15,
17, 21, 23, 27,
30, 36
Ground return for VA and VBYPASS.
VD
54, 67, 77, 89,
99, 111, 124
Power supply for all digital I/Os. Connect to a 3.3V supply and bypass each pin to GNDD with 0.1µF.
GNDD
32, 43, 51, 53,
66, 76, 78, 88,
98, 108, 110,
120, 123
Ground return for VD, VCORE, VCOREADC, and VPLL.
VX
38
Power supply for crystal oscillator. Connect to a 3.3V supply and bypass to GNDX with 0.1µF.
GNDX
37
Ground return for VX.
VBYPASS
4, 9, 16
Bypass these pins to GNDA with 0.1µF. Do not connect these pins to each other or anything else.
VREGIN
65
3.3V input voltage for VCORE voltage regulator. Connect to a 3.3V source, and bypass to GNDD with 0.1µF.
VREGOUT
64
Regulated output voltage for VPLL, VCOREADC and VCORE; typically 1.9V. Connect only to VPLL,
VCOREADC and VCORE and bypass at input pins as instructed below. Do not connect to anything else - this
output can only supply power to VPLL, VCOREADC and VCORE.
VCOREADC
31
Internal power for the ADC’s digital logic. Connect to VREGOUT through a 10 resistor and bypass to GNDD
with 0.1µF.
VPLL
42
Internal power for the PLL’s digital logic. Connect to VREGOUT through a 10 resistor and bypass to GNDD
with 0.1µF.
VCORE
52, 79, 109
Internal power for core logic. Connect to VREGOUT and bypass each pin to GNDD with 0.1µF.
NC
1, 2, 63
Reserved. Do not connect anything to these pins.
Pin Descriptions (Continued)
SYMBOL
PIN
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com