Electronic Components Datasheet Search
  English  ▼

X  

X98014 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # X98014
Description  140MHz Triple Video Digitizer with Digital PLL
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X98014 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button X98014 Datasheet HTML 7Page - Renesas Technology Corp X98014 Datasheet HTML 8Page - Renesas Technology Corp X98014 Datasheet HTML 9Page - Renesas Technology Corp X98014 Datasheet HTML 10Page - Renesas Technology Corp X98014 Datasheet HTML 11Page - Renesas Technology Corp X98014 Datasheet HTML 12Page - Renesas Technology Corp X98014 Datasheet HTML 13Page - Renesas Technology Corp X98014 Datasheet HTML 14Page - Renesas Technology Corp X98014 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
X98014
FN8217 Rev 3.00
Page 11 of 29
March 8, 2006
Register Listing
ADDRESS
REGISTER (DEFAULT VALUE)
BIT(s)
FUNCTION NAME
DESCRIPTION
0x01
SYNC Status
(read only)
0
HSYNC1 Active
0: HSYNC1 is Inactive
1: HSYNC1 is Active
1
HSYNC2 Active
0: HSYNC2 is Inactive
1: HSYNC2 is Active
2
VSYNC1 Active
0: VSYNC1 is Inactive
1: VSYNC1 is Active
3
VSYNC2 Active
0: VSYNC2 is Inactive
1: VSYNC2 is Active
4
SOG1 Active
0: SOG1 is Inactive
1: SOG1 is Active
5
SOG2 Active
0: SOG2 is Inactive
1: SOG2 is Active
6
PLL Locked
0: PLL is unlocked
1: PLL is locked to incoming HSYNC
7
CSYNC Detected at
Sync Splitter Output
0: Composite Sync signal not detected
1: Composite Sync signal is detected
0x02
SYNC Polarity
(read only)
0
HSYNC1
Polarity
0: HSYNC1 is Active High
1: HSYNC1 is Active Low
1
HSYNC2
Polarity
0: HSYNC2 is Active High
1: HSYNC2 is Active Low
2VSYNC1
Polarity
0: VSYNC1 is Active High
1: VSYNC1 is Active Low
3VSYNC2
Polarity
0: VSYNC2 is Active High
1: VSYNC2 is Active Low
4
HSYNC1
Trilevel
0: HSYNC1 is Standard Sync
1: HSYNC1 is Trilevel Sync
5
HSYNC2
Trilevel
0: HSYNC2 is Standard Sync
1: HSYNC2 is Trilevel Sync
7:6
N/A
Returns 0
0x03
HSYNC Slicer (0x44)
2:0
HSYNC1 Threshold
000 = lowest (0.4V) All values referred to
100 = default (2.0V) voltage at HSYNC input
111 = highest (3.2V) pin, 240mV hysteresis
3
Reserved
Set to 00
6:4
HSYNC2 Threshold
See HSYNC1
7
Disable Glitch Filter
0: HSYNC/VSYNC Digital Glitch Filter Enabled (default)
1: HSYNC/VSYNC Digital Glitch Filter Disabled
0x04
SOG Slicer (0x08)
3:0
SOG1 and SOG2
Threshold
0x0 = lowest (0mV)
40mV hysteresis at
0x8 = default (160mV) all settings
0xF = highest (300mV) 20mV step size
4
SOG Filter
Enable
0: SOG low pass filter disabled (default)
1: SOG low pass filter enabled, 14MHz corner
5
SOG Hysteresis
Disable
0: 40mV SOG hysteresis enabled
1: 40mV SOG hysteresis disabled (default)
7:6
Reserved
Set to 00.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com