Electronic Components Datasheet Search
  English  ▼

X  

LSF0204 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LSF0204
Description  Automotive Qualified 4-Bit Auto-Bidirectional Multi-Voltage Level Translator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LSF0204 Datasheet(HTML) 2 Page - Texas Instruments

  LSF0204 Datasheet HTML 1Page - Texas Instruments LSF0204 Datasheet HTML 2Page - Texas Instruments LSF0204 Datasheet HTML 3Page - Texas Instruments LSF0204 Datasheet HTML 4Page - Texas Instruments LSF0204 Datasheet HTML 5Page - Texas Instruments LSF0204 Datasheet HTML 6Page - Texas Instruments LSF0204 Datasheet HTML 7Page - Texas Instruments LSF0204 Datasheet HTML 8Page - Texas Instruments LSF0204 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
2
LSF0204-Q1
SLVSEM4 – JUNE 2018
www.ti.com
Product Folder Links: LSF0204-Q1
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 4
6.1
Absolute Maximum Ratings ...................................... 4
6.2
ESD Ratings.............................................................. 4
6.3
Recommended Operating Conditions ....................... 4
6.4
Thermal Information ................................................. 4
6.5
Electrical Characteristics........................................... 5
6.6
Switching Characteristics: AC Performance
(Translating Down, 3.3 V to 1.8 V) ........................... 6
6.7
Switching Characteristics: AC Performance
(Translating Down, 3.3 V to 1.2 V) ........................... 6
6.8
Switching Characteristics: AC Performance
(Translating Up, 1.8 V to 3.3 V) ................................ 6
6.9
Switching Characteristics: AC Performance
(Translating Up, 1.2 V to 1.8 V) ................................ 7
6.10
Typical Characteristics ............................................ 7
7
Parameter Measurement Information .................. 8
7.1
Load Circuit AC Waveform for Outputs .................... 9
8
Detailed Description ............................................ 10
8.1
Overview ................................................................. 10
8.2
Functional Block Diagram ....................................... 10
8.3
Feature Description................................................. 10
8.4
Device Functional Modes........................................ 11
9
Application and Implementation ........................ 12
9.1
Application Information............................................ 12
9.2
Typical Applications ................................................ 12
10
Power Supply Recommendations ..................... 16
11
Layout................................................................... 16
11.1
Layout Guidelines ................................................. 16
11.2
Layout Example .................................................... 16
12
Device and Documentation Support ................. 17
12.1
Documentation Support ....................................... 17
12.2
Community Resources.......................................... 17
12.3
Trademarks ........................................................... 17
12.4
Electrostatic Discharge Caution ............................ 17
12.5
Glossary ................................................................ 17
13
Mechanical, Packaging, and Orderable
Information ........................................................... 17
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
DATE
REVISION
NOTES
June 2018
*
Initial release.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com