Electronic Components Datasheet Search
  English  ▼

X  

LSF0204 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LSF0204
Description  Automotive Qualified 4-Bit Auto-Bidirectional Multi-Voltage Level Translator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LSF0204 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LSF0204 Datasheet HTML 4Page - Texas Instruments LSF0204 Datasheet HTML 5Page - Texas Instruments LSF0204 Datasheet HTML 6Page - Texas Instruments LSF0204 Datasheet HTML 7Page - Texas Instruments LSF0204 Datasheet HTML 8Page - Texas Instruments LSF0204 Datasheet HTML 9Page - Texas Instruments LSF0204 Datasheet HTML 10Page - Texas Instruments LSF0204 Datasheet HTML 11Page - Texas Instruments LSF0204 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
From Output
Under Test
500 Ω
S1
Vref_B
Open
15 pF
TEST
S1
t
/t
PZL PLZ
Vref_B
TRANSLATING UP
Translating up
Translating down
S1
S2
USAGE
SWITCH
VM
VM
3.3 V
VIL
Input
VM
VM
5 V
VOL
Output
VM
VM
5 V
VIL
Input
VM
VM
2 V
VOL
Output
From Output
Under Test
CL
RL
VT
S1
S2
Open
(1)
8
LSF0204-Q1
SLVSEM4 – JUNE 2018
www.ti.com
Product Folder Links: LSF0204-Q1
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
7 Parameter Measurement Information
The outputs are measured one at a time, with one transition per measurement. All input pulses are supplied by
generators that have the following characteristics:
•
PRR
≤ 10 MHz
•
ZO = 50 Ω
•
Tr ≤ 2 ns
•
Tf ≤ 2 ns
(1)
CL includes probe and jig capacitance.
Figure 3. Load Circuit for Outputs
Figure 4. Translating Down
Figure 5. Load Circuit for Enable/Disable Time Measurement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com