Electronic Components Datasheet Search
  English  ▼

X  

LSF0204 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LSF0204
Description  Automotive Qualified 4-Bit Auto-Bidirectional Multi-Voltage Level Translator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LSF0204 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LSF0204 Datasheet HTML 9Page - Texas Instruments LSF0204 Datasheet HTML 10Page - Texas Instruments LSF0204 Datasheet HTML 11Page - Texas Instruments LSF0204 Datasheet HTML 12Page - Texas Instruments LSF0204 Datasheet HTML 13Page - Texas Instruments LSF0204 Datasheet HTML 14Page - Texas Instruments LSF0204 Datasheet HTML 15Page - Texas Instruments LSF0204 Datasheet HTML 16Page - Texas Instruments LSF0204 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
13
LSF0204-Q1
www.ti.com
SLVSEM4 – JUNE 2018
Product Folder Links: LSF0204-Q1
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Typical Applications (continued)
(1)
Refer VIH and VIL for VI(EN)
Table 3. Application Operating Condition
SYMBOL
PARAMETER
MIN
TYP
MAX
UNIT
Vref_A
Reference voltage (A)
0.8
4.5
V
Vref_B
Reference voltage (B)
Vref_A + 0.8
5.5
V
VI(EN)
(1)
Input voltage on EN terminal
0
Vref_A
V
Vpu
Pull-up supply voltage
0
Vref_B
V
Vref_B is recommended to be 1.0 V higher than Vref_A for best signal integrity.
The LSF0204-Q1 device enables multi-voltage translation by using the desired pull up voltage on each of the
channels.
NOTE
Vref_A must be set as lowest voltage level while using the device in multi-voltage
translation application.
9.2.1.2 Detailed Design Procedure
9.2.1.2.1
Bidirectional Translation
The master output driver may be push-pull (pull-up resistors may be required) or open-drain (pull-up resistors
required) and the slave device output can be push-pull or open-drain (pull-up resistors are required to pull the Bn
outputs to Vpu).
NOTE
However, if either output is push-pull, data must be unidirectional or the outputs must be
3-state and be controlled by some direction-control mechanism to prevent HIGH-to-LOW
contentions in either direction. If both outputs are open-drain, no direction control is
needed.
In , the reference supply voltage (Vref_A) is connected to the processor core power supply voltage. When Vref_B
is connected through to a 3.3 V Vpu power supply, and Vref_A is set 1.0V. The output of A3 and B4 has a
maximum output voltage equal to Vref_A, and the bidirectional interface (Ch1/2, MDIO) has a maximum output
voltage equal to Vpu.
9.2.1.2.1.1
Pull-up Resistor Sizing
The pull-up resistor value needs to limit the current through the pass transistor when it is in the ON state to about
15 mA. This ensures a pass voltage of 260 mV to 350 mV. If the current through the pass transistor is higher
than 15 mA, the pass voltage also is higher in the ON state. To set the current through each pass transistor at 15
mA, to calculate the pull-up resistor value use Equation 1.
Rpu = (Vpu – 0.35 V) / 0.015 A
(1)
Table 4 summarizes resistor values, reference voltages, and currents at 15 mA, 10 mA, and 3 mA. The resistor
value shown in the +10% column (or a larger value) should be used to ensure that the pass voltage of the
transistor is 350 mV or less. The external driver must be able to sink the total current from the resistors on both
sides of the LSF0204-Q1 device at 0.175 V, although the 15 mA applies only to current flowing through the
LSF0204-Q1 device.
The LSF0204-Q1 does not provide any drive capability. Therefore higher frequency applications will require
higher drive strength from the host side. No pullup resistor is needed on the host side (3.3 V) if the LSF0204-Q1
is being driven by standard CMOS totem pole output driver. Best practice is to minimize the trace length from the
LSF0204-Q1 on the sink side (1.8 V) to minimize signal degradation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com