Electronic Components Datasheet Search
  English  ▼

X  

LSF0204 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LSF0204
Description  Automotive Qualified 4-Bit Auto-Bidirectional Multi-Voltage Level Translator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LSF0204 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LSF0204 Datasheet HTML 7Page - Texas Instruments LSF0204 Datasheet HTML 8Page - Texas Instruments LSF0204 Datasheet HTML 9Page - Texas Instruments LSF0204 Datasheet HTML 10Page - Texas Instruments LSF0204 Datasheet HTML 11Page - Texas Instruments LSF0204 Datasheet HTML 12Page - Texas Instruments LSF0204 Datasheet HTML 13Page - Texas Instruments LSF0204 Datasheet HTML 14Page - Texas Instruments LSF0204 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
11
LSF0204-Q1
www.ti.com
SLVSEM4 – JUNE 2018
Product Folder Links: LSF0204-Q1
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Feature Description (continued)
8.3.2 Support Multiple High Speed Translation Interfaces
The LSF0204-Q1 device is able to perform voltage translation for open-drain interfaces such as I2C, MDIO,
SMBUS, and PMBUS or push-pull interfaces such as I2S, SPI, UART, SDIO, and GPIO. The LSF0204-Q1
device supports level translation applications with transmission speeds greater than 100 Mbps using a 200-Ω
pullup resistor with a 15-pF capacitive load. See the Down Translation with the LSF family and Up Translation
with the LSF family videos.
8.3.3 5-V Tolerance on IO Port and 125°C Support
The LSF0204-Q1, provides up to 5-V over-voltage tolerance on each of its IO channels. The device operating
ambient temperature from -40°C to 125°C is critical in supporting automotive applications.
8.3.4 Channel Specific Translation
The LSF0204-Q1 can work as multi-voltage level translator using specific pullup voltage (Vpu) on each IO
channel. Watch the
Multi-Voltage Translation with the LSF Family video.
8.3.5 Ioff, Partial Power Down Mode
When Vref_A or Vref_B = 0, all the data IO pins are in high impedance.
EN logic circuit is referenced to Vref_A supply. No power sequence is required to enable and operate LSF0204-
Q1.
8.4 Device Functional Modes
Table 1 lists the device functional modes of the LSF0204-Q1 device.
(1)
EN is controlled by Vref_A logic levels.
Table 1. Function Table
INPUT EN(1) TERMINAL
FUNCTION
H
An = Bn
L
Hi-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com