Electronic Components Datasheet Search
  English  ▼

X  

LSF0204 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LSF0204
Description  Automotive Qualified 4-Bit Auto-Bidirectional Multi-Voltage Level Translator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LSF0204 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LSF0204 Datasheet HTML 8Page - Texas Instruments LSF0204 Datasheet HTML 9Page - Texas Instruments LSF0204 Datasheet HTML 10Page - Texas Instruments LSF0204 Datasheet HTML 11Page - Texas Instruments LSF0204 Datasheet HTML 12Page - Texas Instruments LSF0204 Datasheet HTML 13Page - Texas Instruments LSF0204 Datasheet HTML 14Page - Texas Instruments LSF0204 Datasheet HTML 15Page - Texas Instruments LSF0204 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
EN
A1
A2
B1
B2
Vcc
Rpu
Rpu
SDA
SCL
Vcc
SDA
SCL
GND
Rpu
Rpu
A3
A4
B3
B4
ON
Off
1.8 V
enable signal
SW
SW
SW
SW
LSF0204-Q1
Vpu_2 = 1.8 V
Vrev_A = 1.8 V Vrev_B = 3.3 V
Vpu_1 = 3.3 V
12
LSF0204-Q1
SLVSEM4 – JUNE 2018
www.ti.com
Product Folder Links: LSF0204-Q1
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
LSF0204-Q1 performs voltage translation for open-drain or push-pull interface. Table 2 provides examples of
interfaces as reference in regards to the different channel numbers that are supported by the LSF0204-Q1.
Table 2. Voltage Translator by Interface
PART NAME
CHANNEL
NUMBER
INTERFACE
LSF0204-Q1
4
Open Drain : I2C, MDIO, SMBus, PMBus, GPIO
Push Pull: GPIO, SPI, I2S, UART, JTAG, SD
9.2 Typical Applications
9.2.1 I2C, PMBus, SMBus, GPIO Application
Figure 8. Bidirectional Translation to Multiple Voltage Levels
9.2.1.1 Design Requirements
9.2.1.1.1
Enable, Disable, and Reference Voltage Guidelines
The LSF0204-Q1 has an EN input that is used to disable the device by setting EN LOW, which places all I/Os in
the high-impedance state. Since LSF0204-Q1 is switch-type voltage translator, the power consumption is very
low. It is recommended to always enable LSF0204-Q1 for bidirectional application (I2C, SMBus, PMBus, or
MDIO).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com