Electronic Components Datasheet Search
  English  ▼

X  

AT77C104B Datasheet(PDF) 20 Page - ATMEL Corporation

Part # AT77C104B
Description  FingerChip Thermal Fingerprint Sweep Sensor, Hardware Based, Navigation and Click Function, SPI Interface
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT77C104B Datasheet(HTML) 20 Page - ATMEL Corporation

Back Button AT77C104B Datasheet HTML 16Page - ATMEL Corporation AT77C104B Datasheet HTML 17Page - ATMEL Corporation AT77C104B Datasheet HTML 18Page - ATMEL Corporation AT77C104B Datasheet HTML 19Page - ATMEL Corporation AT77C104B Datasheet HTML 20Page - ATMEL Corporation AT77C104B Datasheet HTML 21Page - ATMEL Corporation AT77C104B Datasheet HTML 22Page - ATMEL Corporation AT77C104B Datasheet HTML 23Page - ATMEL Corporation AT77C104B Datasheet HTML 24Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
20
AT77C104B
5347B–BIOM–08/04
SPI Interface General Description
Two communication busses are implemented in the device:
•
The control interface, a slow bus that controls and reads the internal registers
(status, navigation, control...).
•
The pixels’ acquisition interface, a fast bus that enables full pixel acquisition by the
host.
A synchronous Serial Port Interface (SPI) has been adopted for the two communication
busses.
The SPI protocol is a slave/master full duplex synchronous serial communication. This
protocol uses three communication signals:
•
SCK (Serial Clock): the communication clock
•
MOSI (Master Out Slave In): the data line from the master to the slave
•
MISO (Master In Slave Out): the data line from the slave to the master
The slaves are selected by an input pin SS/ (Slave Select). A master can communicate
with several slaves.
The word length of the transferred data is fixed to 8 bits. The Most Significant Bit (MSB)
is sent first. For each 8-bit transfer, 8 bits are sent from the master to the slave and 8
bits transferred from the slave to the master. Transfers are still synchronized with the
communication clock (SCK). Only the host can initialize transfers. To send data, the
slave must wait for an access from the master. When there is no transfer, a clock is not
generated.
Figure 8. One Master with Several Slaves
When a master is connected with several slaves, the signals SCK, MISO and MOSI are
interconnected. Each slave SS/ is driven separately. Only one slave can be selected,
the others have their MISO tri-stated and ignore MOSI data.
The SS/ signal falls a half-period before the first clock edge, and rises a half-period after
the last clock edge.
Clock Phase and Polarity During phase zero of the operation, the output data changes on the clock’s falling edge
and the input data is shifted in on the clock’s rising edge. In phase one of the operation,
the output data changes on the clock’s rising edge and is shifted in on the clock’s falling
edge.
Slave #1
Slave #3
Master
SS/3
SS/2
SS/1
SCK
MISO
MOSI
Slave #2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com