Electronic Components Datasheet Search
  English  ▼

X  

AT77C104B Datasheet(PDF) 25 Page - ATMEL Corporation

Part # AT77C104B
Description  FingerChip Thermal Fingerprint Sweep Sensor, Hardware Based, Navigation and Click Function, SPI Interface
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT77C104B Datasheet(HTML) 25 Page - ATMEL Corporation

Back Button AT77C104B Datasheet HTML 21Page - ATMEL Corporation AT77C104B Datasheet HTML 22Page - ATMEL Corporation AT77C104B Datasheet HTML 23Page - ATMEL Corporation AT77C104B Datasheet HTML 24Page - ATMEL Corporation AT77C104B Datasheet HTML 25Page - ATMEL Corporation AT77C104B Datasheet HTML 26Page - ATMEL Corporation AT77C104B Datasheet HTML 27Page - ATMEL Corporation AT77C104B Datasheet HTML 28Page - ATMEL Corporation AT77C104B Datasheet HTML 29Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
25
AT77C104B
5347B–BIOM–08/04
Figure 14. Fast SPI Communication
Communication Speed
The acquisition speed of the pixels is linked to the clock’s communication speed. The
faster the communication clock, the faster the authorized maximum finger sweeping
speed. The sensor supports fast communications up to 16 Mbps.
Reading of Frame
A frame consists of 232 true columns and 1 dummy column of 8 pixels of 4 bits each. A
frame starts with a dummy column.
Figure 15. Example of a Frame
The first dummy column, at the beginning of the pixel array, is added to the sensor to act
as a specific easy-to-detect pattern, and represents the start of the frame tag.
The pixel array is always read in the following order: the first byte, following the 4 bytes
of the dummy column, which contains the value of the pixels physically located on the
upper left corner of the array, when looking at the die with bond pads to the right. Then
another 4 bytes are read that contain the value of the pixels located in the same column
from top to bottom. The next column on the right is output, and so on, until the last line
on the right, close to the bond pads, is output.
Even values are first sent during the data serialization for SPI transfer. Therefore, the
synchronization sequence on the chip’s MISO output is F0F00200.
Bit2
Bit3
MSB
Bit1
Bit0
Bit3
Bit2
Bit1
Bit0
Bit2
Bit1
Bit0
Bit3
Bit2
Bit1
Bit0
Bit3
MSB
SCK (Pixel Clock)
MISO
Transmission Clock
Edge (Sensor)
Reception Clock
Edge (Host)
Pixel 2i
Pixel 2i - 1
Pixel 2i + 2
Pixel 2i + 1
p1
p2
p3
p4
p5
p6
p7
p8
0
F
0
F
2
0
0
0
Pixel Frame
P9
p10
p11
P12
P13
P14
P15
p16
Synchro = F0F00200
Dummy
Column
232 x 8 Pixels Column



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com