Electronic Components Datasheet Search
  English  ▼

X  

AT77C104B Datasheet(PDF) 28 Page - ATMEL Corporation

Part # AT77C104B
Description  FingerChip Thermal Fingerprint Sweep Sensor, Hardware Based, Navigation and Click Function, SPI Interface
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT77C104B Datasheet(HTML) 28 Page - ATMEL Corporation

Back Button AT77C104B Datasheet HTML 24Page - ATMEL Corporation AT77C104B Datasheet HTML 25Page - ATMEL Corporation AT77C104B Datasheet HTML 26Page - ATMEL Corporation AT77C104B Datasheet HTML 27Page - ATMEL Corporation AT77C104B Datasheet HTML 28Page - ATMEL Corporation AT77C104B Datasheet HTML 29Page - ATMEL Corporation AT77C104B Datasheet HTML 30Page - ATMEL Corporation AT77C104B Datasheet HTML 31Page - ATMEL Corporation AT77C104B Datasheet HTML 32Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
28
AT77C104B
5347B–BIOM–08/04
Navigation
See “Navigation Register” on page 18
The typical navigation slice frequency has been fixed to 2.9 kHz. A programmable
divider is implemented in the control registers (NAVFREQ) to reduce this frequency.
Finger displacement is provided as a number of pixels in X and Y directions. Negative
movements are possible. The register is cleared after the navigation registers are read.
These registers are incremented or decremented between two accesses.
Click
See “Clickctrl Register” on page 16
The sensor generates a click detection. The host must read the b7 bit of the status reg-
ister or the b1 bit of the general navigation register.
The click function is composed of an array of a few pixels and a processing unit. The
typical click slice frequency is 90 Hz. A programmable divider is implemented to modify
this frequency in the control registers (CLICKFREQ).
Double-click
This function is performed by the controller, allowing better flexibility. It detects a suc-
cession of two clicks.
Temperature Stabilization Function and Watchdog
The sensor has an embedded temperature stabilization unit that identifies a difference
in temperature between the finger and the sensor. When this difference is increased, the
images are more contrasted. This function is optional and its use depends on the quality
of the image processing software, therefore its management should be decided together
with the image processing software.
In order to limit excessive current consumption by the use of the temperature stabiliza-
tion function, a watchdog has been implanted in the sensor. The local oscillator stops
the heating of the module after a defined time. The oscillator should not be stopped as
long as watchdog is active, otherwise the clock stops automatically.
When heating of the sensor is requested '1' is written in bit 6 of the HEATCTRL
register) and the watchdog is enabled '1' is written in bit 5 of the HEATCTRL register),
the sensor is heated during ‘n’ seconds.
Due to the oscillator frequency dispersion, the value of n is:
2 seconds (minimum) < n = 4 seconds (typical) < 7 seconds (maximum).
The accuracy of n is not important since the heat register can be enabled successively.
The level of power consumption is programmable. Two pre-programmed values are set
to 50 or 100 mW.
Table 15.
Navctrl
Register
(Bits b6 to b5)
Typical Navigation
Slice Frequency
(kHz)
Typical
Integration Time
(µs)
Typical Maximum
Finger Speed
(cm/s)
00
5.8
172
30
01
2.9
345
15
10
1.9
526
9.5
11
1.5
666
7.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com