| Electronic Components Datasheet Search |
|
AT77C104B Datasheet(PDF) 24 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT77C104B Datasheet(HTML) 24 Page - ATMEL Corporation |
|
24 / 36 page ![]() 24 AT77C104B 5347B–BIOM–08/04 Example of Navigation Registers Figure 12 represents a typical reading sequence of the three navigation registers. Refer to “Appendix C” on page 34 for flowchart Figure 12. Reading of the Navigation Registers Image Capture (Fast SPI) This serial interface enables full-speed acquisition of the sensor’s pixels by the host. This interface only supports the serial clock (SCK) and one data line: MISO (Master In/ Slave Out). Communication Protocol When the sensor is in acquisition mode, the host can receive pixels through the fast SPI (FSS/ = 0). The host must transmit the communication clock (SCK) to receive the pixels. This clock must have a regular frequency to obtain constant fingerprint slices (See “Reg- istration Integration Time” on page 27). With the sensor configured to acquisition mode, the controller can proceed to fast accesses. Figure 13. Example of an 8-bit Access During an 8-bit access, the sensor transmits two pixels (each pixel is coded on 4 bits). SCK MISO MOSI Reading of Navigation Register Requested X X X X X X X X 0 1 0 1 0 1 0 0 0 0 1 1 0 0 0 0 0 0 1 0 0 0 0 1 1 1 0 0 0 X X 1 X X X X X X X 0 X X X XX X 0 X X X XX X X 0 X Emission of the First Navigation Register (No Overflow, Y Negative Movement Click Detected, Black Slice) Emission of the Second Navigation Register (X Absolute Movement = 24 Pixels) Emission of the Third Navigation Register (Y Absolute Movement = 144 Pixels) FSS/ = 0 Sending of Dummy Data 0b0000000 Reception of 2 Pixels End of Communication ? Sending of 2 Pixels (8 Bits) FSS/ = 1 No Yes Controller Sensor |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |