Electronic Components Datasheet Search
  English  ▼

X  

AT77C104B Datasheet(PDF) 29 Page - ATMEL Corporation

Part # AT77C104B
Description  FingerChip Thermal Fingerprint Sweep Sensor, Hardware Based, Navigation and Click Function, SPI Interface
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT77C104B Datasheet(HTML) 29 Page - ATMEL Corporation

Back Button AT77C104B Datasheet HTML 25Page - ATMEL Corporation AT77C104B Datasheet HTML 26Page - ATMEL Corporation AT77C104B Datasheet HTML 27Page - ATMEL Corporation AT77C104B Datasheet HTML 28Page - ATMEL Corporation AT77C104B Datasheet HTML 29Page - ATMEL Corporation AT77C104B Datasheet HTML 30Page - ATMEL Corporation AT77C104B Datasheet HTML 31Page - ATMEL Corporation AT77C104B Datasheet HTML 32Page - ATMEL Corporation AT77C104B Datasheet HTML 33Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
29
AT77C104B
5347B–BIOM–08/04
The dissipated die power is quasi constant over a significant supply voltage range as
shown below (mode 50 mW selected):
Figure 18.
Note:
This function is useless for navigation and click modes.
Power Management
Sleep Mode (<10 µA)
Reset high
Standby Mode
(<10 µA Providing SPI
Bus not Accessed)
Power consumption can be reduced in several ways:
•
By switching off the FingerChip sensor.
•
By programming a standby mode by writing 00001xx in the MODCTRL register
(STANDBY mode set and oscillator stopped.) Bit b6 (HEAT) of the HEATCTRL
register must be turned to ‘0’ when programming standby mode.
Acquisition Mode
Current Consumption
Static Current Consumption
When the SPI bus is not used, only the analog part of the circuit consumes power at
around 4 mA.
Dynamic Current
Consumption
When the clock is running, the digital sections also consume current. With a 30 pF load
at 16 MHz, the power consumption is approximately 4.5 mA on the V
DD pins.
Power = f ( Vdd )
4,80E-02
4,90E-02
5,00E-02
5,10E-02
5,20E-02
5,30E-02
5,40E-02
2
2,2
2,4
2,6
2,8
3
3,2
3,4
3,6
3,8
VDD
Power = f ( Vdd)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com