Electronic Components Datasheet Search
  English  ▼

X  

AD8115ASTZ Datasheet(PDF) 8 Page - Analog Devices

Part # AD8115ASTZ
Description  16x16 Crosspoint Switches
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8115ASTZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8115ASTZ Datasheet HTML 4Page - Analog Devices AD8115ASTZ Datasheet HTML 5Page - Analog Devices AD8115ASTZ Datasheet HTML 6Page - Analog Devices AD8115ASTZ Datasheet HTML 7Page - Analog Devices AD8115ASTZ Datasheet HTML 8Page - Analog Devices AD8115ASTZ Datasheet HTML 9Page - Analog Devices AD8115ASTZ Datasheet HTML 10Page - Analog Devices AD8115ASTZ Datasheet HTML 11Page - Analog Devices AD8115ASTZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
AD8114/AD8115
Data Sheet
Rev. C | Page 8 of 25
ABSOLUTE MAXIMUM RATINGS
Table 7.
Parameter
Rating
Supply Voltage
12.0 V
Internal Power Dissipation1
AD8114/AD8115 100-Lead
Plastic LQFP (ST)
2.6 W
Input Voltage
±VS
Output Short-Circuit Duration
Observe power derating curves
Storage Temperature Range2
−65°C to +125°C
1
Specification is for device in free air (TA = 25°C). 100-lead plastic LQFP (ST):
θJA = 40°C/W.
2
Maximum reflow temperatures are to JEDEC industry standard J-STD-020.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
MAXIMUM POWER DISSIPATION
The maximum power that can be safely dissipated by the
AD8114/AD8115 is limited by the associated rise in junction
temperature. The maximum safe junction temperature for
plastic encapsulated devices is determined by the glass transition
temperature of the plastic, approximately 125°C. Temporarily
exceeding this limit may cause a shift in parametric performance
due to a change in the stresses exerted on the die by the package.
Exceeding a junction temperature of 125°C for an extended
period can result in device failure.
While the AD8114/AD8115 are internally short-circuit protected,
this may not be sufficient to guarantee that the maximum junction
temperature (125°C) is not exceeded under all conditions. To
ensure proper operation, it is necessary to observe the maximum
power derating curves shown in Figure 5.
TJ = 125°C
AMBIENT TEMPERATURE (
°C)
5
4
3
2
1
0
–50 –40 –30 –20 –10
0
10
20
30
40
50 60
70
80
90
Figure 5. Maximum Power Dissipation vs. Temperature
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com