Electronic Components Datasheet Search
  English  ▼

X  

AD8115ASTZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD8115ASTZ
Description  16x16 Crosspoint Switches
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8115ASTZ Datasheet(HTML) 1 Page - Analog Devices

  AD8115ASTZ Datasheet HTML 1Page - Analog Devices AD8115ASTZ Datasheet HTML 2Page - Analog Devices AD8115ASTZ Datasheet HTML 3Page - Analog Devices AD8115ASTZ Datasheet HTML 4Page - Analog Devices AD8115ASTZ Datasheet HTML 5Page - Analog Devices AD8115ASTZ Datasheet HTML 6Page - Analog Devices AD8115ASTZ Datasheet HTML 7Page - Analog Devices AD8115ASTZ Datasheet HTML 8Page - Analog Devices AD8115ASTZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
Low Cost, 225 MHz,
16 × 16 Crosspoint Switches
Data Sheet
AD8114/AD8115
Rev. C
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©1998–2016 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
16 × 16 high speed nonblocking switch arrays
AD8114; G = 1
AD8115; G = 2
Serial or parallel programming of switch array
Serial data out allows daisy-chaining of multiple
16 × 16 arrays to create larger switch arrays
High impedance output disable allows connection of
multiple devices without loading the output bus
For smaller arrays see the AD8108/AD8109 (8 × 8) or
AD8110/AD8111 (16 × 8) switch arrays
Complete solution
Buffered inputs
Programmable high impedance outputs
16 output amplifiers, AD8114 (G = 1), AD8115 (G = 2)
Drives 150 Ω loads
Excellent video performance
25 MHz, 0.1 dB gain flatness
0.05%/0.05° differential gain/differential phase error
(RL = 150 Ω)
Excellent ac performance
−3 dB bandwidth: 225 MHz
Slew rate: 375 V/µs
Low power of 700 mW (2.75 mW per point)
Low all hostile crosstalk of −70 dB at 5 MHz
Reset pin allows disabling of all outputs (connected through
a capacitor to ground provides power-on reset capability)
100-lead LQFP (14 mm × 14 mm)
APPLICATIONS
Routing of high speed signals, including
Video (NTSC, PAL, S, SECAM, YUV, RGB)
Compressed video (MPEG, wavelet)
3-level digital video (HDB3)
Data communications
Telecommunications
GENERAL DESCRIPTION
The AD8114/AD8115 are high speed, 16 × 16 video crosspoint
switch matrices. They offer a −3 dB signal bandwidth greater than
200 MHz and channel switch times of less than 50 ns with 1%
settling. With −70 dB of crosstalk and −98 dB isolation (at 5 MHz),
the AD8114/AD8115 are useful in many high speed applications.
FUNCTIONAL BLOCK DIAGRAM
AD8114/AD8115
OUTPUT
BUFFER
G = +1,
G = +2
80
80
256
80-BIT SHIFT REGISTER
WITH 5-BIT
PARALLEL LOADING
PARALLEL LATCH
DECODE
16
× 5:16 DECODERS
16
CLK
DATA IN
UPDATE
CE
RESET
16 INPUTS
A0
DATA
OUT
16
OUTPUTS
SET
INDIVIDUAL
OR RESET
ALL OUTPUTS
TO "OFF"
A1
A2
SER/PAR D0 D1 D2 D3 D4
A3
SWITCH
MATRIX
Figure 1.
The differential gain and differential phase of better than 0.05%
and 0.05°, respectively, along with a 0.1 dB flatness out to 25 MHz
while driving a 75 Ω back-terminated load, make the AD8114/
AD8115 ideal for all types of signal switching.
The AD8114/AD8115 include 16 independent output buffers
that can be placed into a high impedance state for paralleling
crosspoint outputs so that off channels do not load the output bus.
The AD8114 has a gain of 1, while the AD8115 offers a gain of 2.
They operate on voltage supplies of ±5 V while consuming only
70 mA of idle current. The channel switching is performed via a
serial digital control (which can accommodate daisy-chaining of
several devices) or via a parallel control, allowing updating of an
individual output without reprogramming the entire array.
The AD8114/AD8115 is packaged in a 100-lead LQFP and is
available over the extended industrial temperature range of
−40°C to +85°C.


Similar Part No. - AD8115ASTZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8115ASTZ2 AD-AD8115ASTZ2 Datasheet
1Mb / 32P
Low Cost 225 MHz 16 횞 16 Crosspoint Switches
REV. B
More results

Similar Description - AD8115ASTZ

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQ8015 TRIQUINT-TQ8015 Datasheet
173Kb / 8P
1.25 Gigabit/sec 16x16 Digital ECL Crosspoint Switch
TQ8025 TRIQUINT-TQ8025 Datasheet
217Kb / 10P
2.5 Gigabit/sec 16x16 Digital Crosspoint Switch
logo
Vitesse Semiconductor C...
VSC880 VITESSE-VSC880 Datasheet
381Kb / 28P
High Performance 16x16 Serial Crosspoint Switch
logo
Intersil Corporation
ISL59530 INTERSIL-ISL59530 Datasheet
1Mb / 22P
16x16 Video Crosspoint
June 12, 2006
ISL59530 INTERSIL-ISL59530_07 Datasheet
1Mb / 22P
16x16 Video Crosspoint
February 7, 2007
ISL59531 INTERSIL-ISL59531 Datasheet
1Mb / 21P
16x16 Video Crosspoint with Differential Inputs
March 21, 2006
ISL59530_0708 INTERSIL-ISL59530_0708 Datasheet
1Mb / 25P
16x16 Video Crosspoint
ISL59530 INTERSIL-ISL59530_11 Datasheet
2Mb / 26P
16x16 Video Crosspoint
April 13, 2011
logo
Renesas Technology Corp
ISL59530 RENESAS-ISL59530 Datasheet
1Mb / 26P
16x16 Video Crosspoint
logo
Analog Devices
AD8116 AD-AD8116_16 Datasheet
210Kb / 16P
16x16 Buffered Video Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com