Electronic Components Datasheet Search
  English  ▼

X  

AD8115ASTZ Datasheet(PDF) 14 Page - Analog Devices

Part # AD8115ASTZ
Description  16x16 Crosspoint Switches
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8115ASTZ Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8115ASTZ Datasheet HTML 10Page - Analog Devices AD8115ASTZ Datasheet HTML 11Page - Analog Devices AD8115ASTZ Datasheet HTML 12Page - Analog Devices AD8115ASTZ Datasheet HTML 13Page - Analog Devices AD8115ASTZ Datasheet HTML 14Page - Analog Devices AD8115ASTZ Datasheet HTML 15Page - Analog Devices AD8115ASTZ Datasheet HTML 16Page - Analog Devices AD8115ASTZ Datasheet HTML 17Page - Analog Devices AD8115ASTZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
AD8114/AD8115
Data Sheet
Rev. C | Page 14 of 25
FREQUENCY (MHz)
–110
–90
–100
–120
–130
–140
0.1
1
10
–80
100
500
–70
–60
–50
–40
Figure 25. AD8114 Off Isolation, Input-to-Output
FREQUENCY (MHz)
–100
0.03
10
0.1
1
–90
–80
–70
–60
–50
–40
–30
–20
–PSRR
+PSRR
Figure 26. AD8114 PSRR vs. Frequency
FREQUENCY (Hz)
170
10
10
100
30
1k
10k
100k
1M
10M
16nV/
√Hz
50
70
90
110
130
150
Figure 27. AD8114 Voltage Noise vs. Frequency
FREQUENCY (MHz)
–110
–90
–100
–120
–130
–140
0.1
1
10
–80
100
500
–70
–60
–50
–40
Figure 28. AD8115 Off Isolation, Input-to-Output
FREQUENCY (MHz)
–100
0.03
10
0.1
1
–90
–80
–70
–60
–50
–40
–30
–20
–PSRR
+PSRR
Figure 29. AD8115 PSRR vs. Frequency
FREQUENCY (Hz)
170
10
10
100
30
1k
10k
100k
1M
10M
50
70
90
110
130
150
18nV/
√Hz
Figure 30. AD8115 Voltage Noise vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com