Electronic Components Datasheet Search
  English  ▼

X  

AD8115ASTZ Datasheet(PDF) 19 Page - Analog Devices

Part # AD8115ASTZ
Description  16x16 Crosspoint Switches
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8115ASTZ Datasheet(HTML) 19 Page - Analog Devices

Back Button AD8115ASTZ Datasheet HTML 15Page - Analog Devices AD8115ASTZ Datasheet HTML 16Page - Analog Devices AD8115ASTZ Datasheet HTML 17Page - Analog Devices AD8115ASTZ Datasheet HTML 18Page - Analog Devices AD8115ASTZ Datasheet HTML 19Page - Analog Devices AD8115ASTZ Datasheet HTML 20Page - Analog Devices AD8115ASTZ Datasheet HTML 21Page - Analog Devices AD8115ASTZ Datasheet HTML 22Page - Analog Devices AD8115ASTZ Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
Data Sheet
AD8114/AD8115
Rev. C | Page 19 of 25
One important consideration in using parallel programming is
that the RESET signal does not reset all registers in the AD8114/
AD8115. When taken low, the RESET signal only sets each output
to the disabled state. This is helpful during power-up to ensure
that two parallel outputs are not active at the same time.
After initial power-up, the internal registers in the device generally
have random data, even though the RESET signal was asserted.
If parallel programming is used to program one output, then
that output is properly programmed, but the rest of the device
has a random program state depending on the internal register
content at power-up. Therefore, when using parallel programming,
it is essential that all outputs be programmed to a desired state
after power-up. This ensures that the programming matrix is
always in a known state. From then on, parallel programming
can be used to modify a single output or more at a time.
In similar fashion, if both CE and UPDATE are taken low after
initial power-up, the random power-up data in the shift register
is programmed into the matrix. Therefore, to prevent the
crosspoint from being programmed into an unknown state, do
not apply low logic levels to both CE and UPDATE after power
is initially applied. Programming the full shift register one time
to a desired state by either serial or parallel programming after
initial power-up eliminates the possibility of programming the
matrix to an unknown state.
To change the programming of an output via parallel
programming, SER/PAR and UPDATE should be taken high
and CE should be taken low. The CLK signal should be in the
high state. The 4-bit address of the output to be programmed
should be put on A0 to A3. The first four data bits (D0 to D3)
should contain the information that identifies the input that
gets programmed to the output that is addressed. The fourth
data bit (D4) determines the enabled state of the output. If D4 is
low (output disabled), then the data on D0 to D3 does not matter.
After the desired address and data signals have been established,
they can be latched into the shift register by a high to low transition
of the CLK signal. The matrix is not programmed, however, until
the UPDATE signal is taken low. It is thus possible to latch in
new data for several or all of the outputs first via successive
negative transitions of CLK while UPDATE is held high, and
then have all the new data take effect when UPDATE goes low.
This technique should be used when programming the device
for the first time after power-up when using parallel programming.
POWER-ON RESET
When powering up the AD8114/AD8115, it is usually desirable
to have the outputs come up in the disabled state. When taken
low, the RESET pin causes all outputs to be in the disabled state.
However, the RESET signal does not reset all registers in the
AD8114/AD8115. This is important when operating in the
parallel programming mode.
Please refer to that section for information about programming
internal registers after power-up. Serial programming programs
the entire matrix each time, so no special considerations apply.
Since the data in the shift register is random after power-up, it
should not be used to program the matrix, or the matrix can
enter unknown states. To prevent this, do not apply logic low
signals to both CE and UPDATE initially after power-up. The
shift register should first be loaded with the desired data, and
then UPDATE can be taken low to program the device.
The RESET pin has a 20 kΩ pull-up resistor to DVDD that can
be used to create a simple power-up reset circuit. A capacitor
from RESET to ground holds RESET low for some time while
the rest of the device stabilizes. The low condition causes all the
outputs to be disabled. The capacitor then charges through the
pull-up resistor to the high state, thus allowing full programming
capability of the device.
GAIN SELECTION
The 16 × 16 crosspoints come in two versions, depending on
the gain of the analog circuit paths that is desired. The AD8114
device is unity gain and can be used for analog logic switching
and other applications where unity gain is desired. The AD8114
can also be used for the input and interior sections of larger
crosspoint arrays where termination of output signals is not
usually used. The AD8114 outputs have very high impedance
when their outputs are disabled.
The AD8115 can be used for devices that are used to drive a
terminated cable with its outputs. This device has a built-in gain
of 2 that eliminates the need for a gain-of-2 buffer to drive a
video line. Its high output disabled impedance minimizes
signal degradation when paralleling additional outputs.
CREATING LARGER CROSSPOINT ARRAYS
The AD8114/AD8115 are high density building blocks for
creating crosspoint arrays of dimensions larger than 16 × 16.
Various features, such as output disable, chip enable, and gain-
of-1 and gain-of-2 options, are useful for creating larger arrays.
When required for customizing a crosspoint array size, they can
be used with the AD8108 and AD8109, a pair of (unity gain and
gain-of-2) 8 × 8 video crosspoint switches, or with the AD8110
and AD8111, a pair of (unity gain and gain-of-2) 16 × 8 video
crosspoint switches.
The first consideration in constructing a larger crosspoint is to
determine the minimum number of devices required. The 16 ×
16 architecture of the AD8114/AD8115 contains 256 points, which
is a factor of 64 greater than a 4 × 1 crosspoint (or multiplexer).
The printed circuit board area, power consumption, and design
effort savings are readily apparent when compared to using
these smaller devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com