Electronic Components Datasheet Search
  English  ▼

X  

AD8115ASTZ Datasheet(PDF) 9 Page - Analog Devices

Part # AD8115ASTZ
Description  16x16 Crosspoint Switches
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8115ASTZ Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8115ASTZ Datasheet HTML 5Page - Analog Devices AD8115ASTZ Datasheet HTML 6Page - Analog Devices AD8115ASTZ Datasheet HTML 7Page - Analog Devices AD8115ASTZ Datasheet HTML 8Page - Analog Devices AD8115ASTZ Datasheet HTML 9Page - Analog Devices AD8115ASTZ Datasheet HTML 10Page - Analog Devices AD8115ASTZ Datasheet HTML 11Page - Analog Devices AD8115ASTZ Datasheet HTML 12Page - Analog Devices AD8115ASTZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
Data Sheet
AD8114/AD8115
Rev. C | Page 9 of 25
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
NC = NO CONNECT
2
DGND
3
AGND
4
IN08
7
AGND
6
IN09
5
AGND
1
DVCC
8
IN10
9
AGND
10
IN11
12
IN12
13
AGND
14
IN13
15
AGND
16
IN14
17
AGND
18
IN15
19
AGND
20
AVEE
21
AVCC
22
AVCC15
23
OUT15
24
AVEE14/15
25
OUT14
11
AGND
74
DGND
DVCC
73
AGND
72
IN07
69
AGND
70
IN06
71
AGND
75
68
IN05
67
AGND
66
IN04
64
IN03
63
AGND
62
IN02
61
AGND
60
IN01
59
AGND
58
IN00
57
AGND
56
AVEE
55
AVCC
54
AVCC00
53
OUT00
52
AVEE00/01
51
OUT01
65
AGND
PIN 1
AD8114/AD8115
TOP VIEW
(Not to Scale)
Figure 6. Pin Configuration
Table 8. Pin Function Descriptions
Pin No.
Mnemonic
Description
58, 60, 62, 64, 66, 68, 70, 72,
4, 6, 8, 10, 12, 14, 16, 18
INxx
Analog Inputs. xx = Channel 00 through Channel 15.
96
DATA IN
Serial Data Input, TTL Compatible.
97
CLK
Clock, TTL Compatible. Falling edge triggered.
98
DATA OUT
Serial Data Out, TTL Compatible.
95
UPDATE
Enable (Transparent) Low. Allows serial register to connect directly to switch matrix. Data
latched when high.
100
RESET
Disable Outputs, Active Low.
99
CE
Chip Enable, Enable Low. Must be low to clock in and latch data.
94
SER/PAR
Selects Serial Data Mode, Low or Parallel Data Mode, High. Must be connected.
53, 51, 49, 47, 45, 43, 41, 39,
37, 35, 33, 31, 29, 27, 25, 23
OUTyy
Analog Outputs. yy = Channel 00 through Channel 15.
3, 5, 7, 9, 11, 13, 15, 17, 19, 57,
59, 61, 63, 65, 67, 69, 71, 73
AGND
Analog Ground for Inputs and Switch Matrix. Must be connected.
1, 75
DVCC
+5 V for Digital Circuitry.
2, 74
DGND
Ground for Digital Circuitry.
20, 56
AVEE
−5 V for Inputs and Switch Matrix.
21, 55
AVCC
+5 V for Inputs and Switch Matrix.
54, 50, 46, 42, 38, 34, 30, 26, 22
AVCCxx/yy
+5 V for Output Amplifier that is Shared by Channels xx and yy. Must be connected.
52, 48, 44, 40, 36, 32, 28, 24
AVEExx/yy
−5 V for Output Amplifier that is Shared by Channels xx and yy. Must be connected.
84
A0
Parallel Data Input, TTL Compatible (output select LSB).
83
A1
Parallel Data Input, TTL Compatible (output select).
82
A2
Parallel Data Input, TTL Compatible (output select).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com