Electronic Components Datasheet Search
  English  ▼

X  

HMC960LP4E Datasheet(PDF) 6 Page - Analog Devices

Part # HMC960LP4E
Description  DC - 100 MHz DUAL Digital Variable Ga in AmplifieR with Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC960LP4E Datasheet(HTML) 6 Page - Analog Devices

Back Button HMC960LP4E Datasheet HTML 2Page - Analog Devices HMC960LP4E Datasheet HTML 3Page - Analog Devices HMC960LP4E Datasheet HTML 4Page - Analog Devices HMC960LP4E Datasheet HTML 5Page - Analog Devices HMC960LP4E Datasheet HTML 6Page - Analog Devices HMC960LP4E Datasheet HTML 7Page - Analog Devices HMC960LP4E Datasheet HTML 8Page - Analog Devices HMC960LP4E Datasheet HTML 9Page - Analog Devices HMC960LP4E Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
978-250-3343 tel • 978-250-3373 fax • Order On-line at www.hittite.com
Application Support: apps@hittite.com
HMC960LP4E
v01.1212
DC - 100 MHz DUAL DigitAL
VAriAbLe gAin AMpLifier with DriVer
figure 13. Output ip3 vs.
frequency & bias, gain = 10 db [5][6] [7] [9]
figure 14. Output ip3 vs.
frequency & bias, gain = 30 db [5][6] [7] [9]
26
28
30
32
34
36
0.5
1
1.5
2
2.5
3
3.5
4
Vdd = 4.5
Vdd = 4.75
Vdd = 5
Vdd = 5.25
Vdd = 5.5
COMMON MODE VOLTAGE (V)
4.5 V
5.5 V
26
28
30
32
34
36
0.5
1
1.5
2
2.5
3
3.5
4
4.5
Vdd = 4.5
Vdd = 4.75
Vdd = 5
Vdd = 5.25
Vdd = 5.5
COMMON MODE VOLTAGE (V)
4.5 V
5.5 V
figure 15. Output ip3 vs. Output Common
Mode, Standard bias Setting [3][5]
10
15
20
25
30
35
40
45
10
100
Standard Bias Setting
Hight Linearity Bias Setting
FREQUENCY (MHz)
figure 16. Output ip3 vs. Output Common
Mode, High Linearity bias Settings [3][6]
10
15
20
25
30
35
40
45
10
100
Standard Bias Setting
High Linearity Bias Setting
FREQUENCY (MHz)
figure 17. Output Voltage vs.
input Voltage for Various gains
figure 18. Output vs.
expected Output Over gain [8]
0.1
1
10
0.01
0.1
1
10
0dB
5dB
10dB
15dB
20dB
25dB
30dB
35dB
40dB
INPUT VOLTAGE (Vppd)
40 dB Gain
0 dB Gain
-10
-8
-6
-4
-2
0
2
4
6
8
10
12
14
16
18
-10
-8
-6
-4
-2
0
2
4
6
8
10
12
14
16
18
20
0dB
5dB
10dB
15dB
20dB
25dB
30dB
35dB
40dB
refP1dB
EXPECTED OUTPUT POWER (dBm)
40 dB Gain
0 dB Gain
2Vppd / 1dBm
1Vppd / -5dBm
[7] Load Impedance = 400 Ω differential, 2 Vppd output
[8] Output Power (dBm) is measured into 400 Ω output load
[9] Use the following formulas conversion between dBm, dBV
rms, and Vppd, using a 400 Ω differential load: dBVrms = 20log(Vppd/2.8284),
dBm = 10log((Vppd/2.8284)2/400x10-3), dBm = dBV
rms - 10log(400x10
-3
)
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com