Electronic Components Datasheet Search
  English  ▼

X  

HMC960LP4E Datasheet(PDF) 12 Page - Analog Devices

Part # HMC960LP4E
Description  DC - 100 MHz DUAL Digital Variable Ga in AmplifieR with Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC960LP4E Datasheet(HTML) 12 Page - Analog Devices

Back Button HMC960LP4E Datasheet HTML 8Page - Analog Devices HMC960LP4E Datasheet HTML 9Page - Analog Devices HMC960LP4E Datasheet HTML 10Page - Analog Devices HMC960LP4E Datasheet HTML 11Page - Analog Devices HMC960LP4E Datasheet HTML 12Page - Analog Devices HMC960LP4E Datasheet HTML 13Page - Analog Devices HMC960LP4E Datasheet HTML 14Page - Analog Devices HMC960LP4E Datasheet HTML 15Page - Analog Devices HMC960LP4E Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
12
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
978-250-3343 tel • 978-250-3373 fax • Order On-line at www.hittite.com
Application Support: apps@hittite.com
HMC960LP4E
v01.1212
DC - 100 MHz DUAL DigitAL
VAriAbLe gAin AMpLifier with DriVer
evaluation Setup
HMC960Lp4e Application information
The wide bandwidth, large dynamic range, and excellent noise-linearity trade-off make the HMC960LP4E ideal for
Automatic Gain Control applications in the baseband section of a direct down-conversion receiver. Matched dual
amplifier design provides excellent gain and phase balance between the two channels. Externally controlled common
mode voltage, and SPI programmable input impedance simplify the interface between the HMC960LP4E and other
components in the signal path. The HMC960LP4E can be cascaded with HMC900LP5E without the need of any
matching circuitry. Together, these two components provide a complete baseband line-up that can directly drive
ADC’s such as the 12-bit, dual channel, 320 MSPS HMCAD1520.
Figure 1. Typical Receive Path Block Diagram Showing HMC960LP4E
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com