Electronic Components Datasheet Search
  English  ▼

X  

HMC960LP4E Datasheet(PDF) 8 Page - Analog Devices

Part # HMC960LP4E
Description  DC - 100 MHz DUAL Digital Variable Ga in AmplifieR with Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC960LP4E Datasheet(HTML) 8 Page - Analog Devices

Back Button HMC960LP4E Datasheet HTML 4Page - Analog Devices HMC960LP4E Datasheet HTML 5Page - Analog Devices HMC960LP4E Datasheet HTML 6Page - Analog Devices HMC960LP4E Datasheet HTML 7Page - Analog Devices HMC960LP4E Datasheet HTML 8Page - Analog Devices HMC960LP4E Datasheet HTML 9Page - Analog Devices HMC960LP4E Datasheet HTML 10Page - Analog Devices HMC960LP4E Datasheet HTML 11Page - Analog Devices HMC960LP4E Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
978-250-3343 tel • 978-250-3373 fax • Order On-line at www.hittite.com
Application Support: apps@hittite.com
HMC960LP4E
v01.1212
DC - 100 MHz DUAL DigitAL
VAriAbLe gAin AMpLifier with DriVer
Outline Drawing
Part Number
Package Body Material
Lead Finish
MSL Rating [2]
Package Marking [1]
HMC960LP4E
RoHS-compliant Low Stress Injection Molded Plastic
100% matte Sn
MSL1
H960
XXXX
[1] 4-Digit lot number XXXX
[2] Max peak reflow temperature of 260 °C
package information
table 3. Absolute Maximum ratings
Nominal 5 V Supply to GND
VDDI, VDDQ, DVDD
-0.3 to 5.5 V
Common Mode Inputs Pins
(CMI, CMQ)
-0.3 to 5.5 V
Input and Output Pins
IIP, IIN, IQP, IQN, OIP, OIN, OQP,
OQN
-0.3 to 5.5 V
Digital Pins
SEN, SDI, SCK, SDO, GC[6:0]
SDO min load impedance
-0.3 to 5.5 V
1 kΩ
Operating Temperature Range
-40 to +85 °C
Storage Temperature
-65 to +125 °C
Maximum Junction Temperature
125 °C
Thermal Resistance (Rth)
(junction to ground paddle)
10 °C/W
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
Reflow Soldering
Peak Temperature
Time at Peak Temperature
260 °C
40 µs
ESD Sensitivity (HBM)
1 kV Class 1 C
Stresses above those listed under Absolute Maximum Ratings may
cause permanent damage to the device. This is a stress rating only;
functional operation of the device at these or any other conditions
above those indicated in the operational section of this specification
is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.
NOTES:
[1] PACKAGE BODY MATERIAL: LOW STRESS INJECTION MOLDED PLASTIC
SILICA AND SILICON IMPREGNATED.
[2] LEAD AND GROUND PADDLE MATERIAL: COPPER ALLOY.
[3] LEAD AND GROUND PADDLE PLATING: 100% MATTE TIN.
[4] DIMENSIONS ARE IN INCHES [MILLIMETERS].
[5] LEAD SPACING TOLERANCE IS NON-CUMULATIVE.
[6] PAD BURR LENGTH SHALL BE 0.15mm MAX. PAD BURR HEIGHT SHALL
BE 0.25m MAX.
[7] PACKAGE WARP SHALL NOT EXCEED 0.05mm
[8] ALL GROUND LEADS AND GROUND PADDLE MUST BE SOLDERED TO
PCB RF GROUND.
[9] REFER TO HITTITE APPLICATION NOTE FOR SUGGESTED PCB LAND
PATTERN.
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com