Electronic Components Datasheet Search
  English  ▼

X  

HMC960LP4E Datasheet(PDF) 16 Page - Analog Devices

Part # HMC960LP4E
Description  DC - 100 MHz DUAL Digital Variable Ga in AmplifieR with Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC960LP4E Datasheet(HTML) 16 Page - Analog Devices

Back Button HMC960LP4E Datasheet HTML 12Page - Analog Devices HMC960LP4E Datasheet HTML 13Page - Analog Devices HMC960LP4E Datasheet HTML 14Page - Analog Devices HMC960LP4E Datasheet HTML 15Page - Analog Devices HMC960LP4E Datasheet HTML 16Page - Analog Devices HMC960LP4E Datasheet HTML 17Page - Analog Devices HMC960LP4E Datasheet HTML 18Page - Analog Devices HMC960LP4E Datasheet HTML 19Page - Analog Devices HMC960LP4E Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
16
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
978-250-3343 tel • 978-250-3373 fax • Order On-line at www.hittite.com
Application Support: apps@hittite.com
HMC960LP4E
v01.1212
DC - 100 MHz DUAL DigitAL
VAriAbLe gAin AMpLifier with DriVer
Serial port interface
The HMC960LP4E features a four wire serial port for simple communication with the host controller. Typical serial port
operation can be run with SCK at speeds up to 30 MHz.
The details of SPI access for the HMC960LP4E is provided in the following sections. Note that the READ operation
below is always preceded by a WRITE operation to Register 0 to define the register to be queried. Also note that
every READ cycle is also a WRITE cycle in that data sent to the SPI while reading the data will also be stored by the
HMC960LP4E when SEN goes high. If this is not desired then it is suggested to write to Register 0 during the READ
operation so that the status of the device will be unaffected.
power on reset and Soft reset
The HMC960LP4E has a built in Power On Reset (POR) and a serial port accessible Soft Reset (SR). POR is
accomplished when power is cycled for the HMC960LP4E while SR is accomplished via the SPI by writing 20h to
Reg 0h followed by writing 00h to Reg 0h. All chip registers will be reset to default states approximately 250 us after
power up.
Serial port Write Operation
The host changes the data on the falling edge of SCK and the HMC960LP4E reads the data on the rising edge.
A typical WRITE cycle is shown in Figure 5. It is 32 clock cycles long.
1. The host both asserts SEN (active low Serial Port Enable) and places the MSB of the data on SDI followed
by a rising edge on SCK.
2. HMC960LP4E reads SDI (the MSB) on the 1st rising edge of SCK after SEN.
3. HMC960LP4E registers the data bits, D23:D0, in the next 23 rising edges of SCK (total of 24 data bits).
4. Host places the 5 register address bits, A4:A0, on the next 5 falling edges of SCK (MSB to LSB) while the
HMC960LP4E reads the address bits on the corresponding rising edge of SCK.
5. Host places the 3 chip address bits, CA2:CA0=[110], on the next 3 falling edges of SCK (MSB to LSB). Note
the HMC960LP4E chip address is fixed as “6d” or “110b”.
6. SEN goes from low to high after the 32th rising edge of SCK. This completes the WRITE cycle.
7. HMC960LP4E also exports data back on the SDO line. For details see the section on READ operation.
Serial port reAD Operation
The SPI can read from the internal registers in the chip. The data is available on SDO pin. This pin itself is tri-stated
when the device is not being addressed. However when the device is active and has been addressed by the SPI
master, the HMC960LP4E controls the SDO pin and exports data on this pin during the next SPI cycle.
HMC960LP4E changes the data to the host on the rising edge of SCK and the host reads the data from HMC960LP4E
on the falling edge.
A typical READ cycle is shown in Figure 5. Read cycle is 32 clock cycles long. To specifically read a register,
the
address of that register must be written to dedicated Reg 0h. This requires two full cycles, one to write the
required address, and a 2nd to retrieve the data. A read cycle can then be initiated as follows;
1. The host asserts SEN (active low Serial Port Enable) followed by a rising edge SCK.
2. HMC960LP4E reads SDI (the MSB) on the 1st rising edge of SCK after SEN.
3. HMC960LP4E registers the data bits in the next 23 rising edges of SCK (total of 24 data bits).
The LSBs of
the data bits represent the address of the register that is intended to be read.
4. Host places the 5 register address bits on the next 5 falling edges of SCK (MSB to LSB) while the HMC960LP4E
reads the address bits on the corresponding rising edge of SCK.
For a read operation this is “00000”.
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com