Electronic Components Datasheet Search
  English  ▼

X  

HMC960LP4E Datasheet(PDF) 20 Page - Analog Devices

Part # HMC960LP4E
Description  DC - 100 MHz DUAL Digital Variable Ga in AmplifieR with Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC960LP4E Datasheet(HTML) 20 Page - Analog Devices

Back Button HMC960LP4E Datasheet HTML 12Page - Analog Devices HMC960LP4E Datasheet HTML 13Page - Analog Devices HMC960LP4E Datasheet HTML 14Page - Analog Devices HMC960LP4E Datasheet HTML 15Page - Analog Devices HMC960LP4E Datasheet HTML 16Page - Analog Devices HMC960LP4E Datasheet HTML 17Page - Analog Devices HMC960LP4E Datasheet HTML 18Page - Analog Devices HMC960LP4E Datasheet HTML 19Page - Analog Devices HMC960LP4E Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
20
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
978-250-3343 tel • 978-250-3373 fax • Order On-line at www.hittite.com
Application Support: apps@hittite.com
HMC960LP4E
v01.1212
DC - 100 MHz DUAL DigitAL
VAriAbLe gAin AMpLifier with DriVer
[1] Reg 03h bit assignment depends on the setting of bits 5 and 6 in Reg 02h. If Reg 02h[5]=0, then all Reg 03h bits are ignored (parallel port selected)
[2] For Reg 02h[5]=1 and Reg 02h[6]=0, gain control is via an SPI register with decode, and Reg 03h[6:0] are used as follows.
[3] Note that the Parallel Port gain logic always uses the gain decode logic, and therefore the bit encoding is the same as Reg 03h - Gain Control
Register WHEN USING decode logic.
[4] For Reg 02h[5]=1 and Reg 02h[6]=1, gain control is via an SPI register without decode, and Reg 03h[6:0] are used as follows.
table 10. reg 03h - gain Control register WHen USing decode logic [1][2]
Bit
Name
Width
Default
Description
[6:0]
gain[6:0]
7
0000000
Reg 02h[5]=1 and Reg 02h[6]=0
(i.e. SPI gain control & gain decode enabled)
gain[6:0] defines teh VGA channel I and Q gain of 0-40dB as follows...
0000000 - 0 dB, minimum gain setting
0000001 - 0.5 dB gain
0000010 - 1.0 dB gain
...
1001110 - 39 dB gain
1001111 - 39.5 dB gain
1010000 - 40 dB, maximum gain setting
Reg 02h[5] = 1 and Reg 02h[6] = 1
(i.e. SPI gain control & gain decode bypassed)
[23:7]
unused
table 11. reg 03h - gain Control register, WHen nOt using decode logic [3][4]
Bit
Name
Width
Default
Description
[8:0]
gain[8:0]
9
000000000
gain[8:0] define the VGA I and Q channel gain when Reg 02h[5] = 1 and
Reg 02h[6] = 1 (i.e. SPI gain control and gain decode bypassed)
Generally the first 4 bits control the 1st and 3rd stage while the last 5
bits control the 2nd stage gain.
x001nnnnn - 1st stage set to 0 dB
x010nnnnn - 1st stage set to 10 dB
x100nnnnn - 1st stage set to 20 dB
0xxxnnnnn - 3rd stage set to 0 dB
1xxxnnnnn - 3rd stage set to 10 dB
xxxxnnnnn - 2nd stage set as follows:
nnnnn = 00000 - set to 0 dB
nnnnn = 00001 - set to 0.5 dB
nnnnn = 10011 - set to 9.5 dB
nnnnn = 10100 - set to 10 dB
[23:9]
unused
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com