Electronic Components Datasheet Search
  English  ▼

X  

MMRF1022HS Datasheet(PDF) 3 Page - NXP Semiconductors

Part # MMRF1022HS
Description  RF Power LDMOS Transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMRF1022HS Datasheet(HTML) 3 Page - NXP Semiconductors

  MMRF1022HS Datasheet HTML 1Page - NXP Semiconductors MMRF1022HS Datasheet HTML 2Page - NXP Semiconductors MMRF1022HS Datasheet HTML 3Page - NXP Semiconductors MMRF1022HS Datasheet HTML 4Page - NXP Semiconductors MMRF1022HS Datasheet HTML 5Page - NXP Semiconductors MMRF1022HS Datasheet HTML 6Page - NXP Semiconductors MMRF1022HS Datasheet HTML 7Page - NXP Semiconductors MMRF1022HS Datasheet HTML 8Page - NXP Semiconductors MMRF1022HS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
MMRF1022HS
3
RF Device Data
Freescale Semiconductor, Inc.
Electrical Characteristics (TA =25°C unless otherwise noted) (continued)
Characteristic
Symbol
Min
Typ
Max
Unit
Functional Tests (1,2) (In Freescale Doherty Test Fixture, 50 ohm system) VDD =28 Vdc, IDQA = 500 mA, VGSB =0.5 Vdc,
Pout = 63 W Avg., f = 2140 MHz, Single--Carrier W--CDMA, IQ Magnitude Clipping, Input Signal PAR = 9.9 dB @ 0.01% Probability on CCDF.
ACPR measured in 3.84 MHz Channel Bandwidth @ ±5MHz Offset.
Power Gain
Gps
15.6
16.2
18.6
dB
Drain Efficiency
ηD
49.2
51.8
—
%
Output Peak--to--Average Ratio @ 0.01% Probability on CCDF
PAR
7.2
7.9
—
dB
Adjacent Channel Power Ratio
ACPR
—
–28.8
–27.2
dBc
Load Mismatch (In Freescale Test Fixture, 50 ohm system) IDQA = 500 mA, f = 2140 MHz
VSWR 10:1 at 28 Vdc, 288 W Pulse Output Power
(3 dB Input Overdrive from 363 W Pulse Rated Power)
No Device Degradation
Typical Performance (2) (In Freescale Doherty Test Fixture, 50 ohm system) VDD =28 Vdc, IDQA = 500 mA, VGSB =0.5 Vdc,
2110–2170 MHz Bandwidth
Pout @ 1 dB Compression Point, CW
P1dB
—
301(3)
—
W
Pout @ 3 dB Compression Point (4)
P3dB
—
400
—
W
AM/PM
(Maximum value measured at the P3dB compression point across
the 2110–2170 MHz bandwidth)
Φ
—
–27
—
°
VBW Resonance Point
(IMD Third Order Intermodulation Inflection Point)
VBWres
—
100
—
MHz
Gain Flatness in 60 MHz Bandwidth @ Pout =63 W Avg.
GF
—
0.2
—
dB
Gain Variation over Temperature
(–30°Cto+85°C)
∆G
—
0.012
—
dB/°C
Output Power Variation over Temperature
(–30°Cto+85°C) (3)
∆P1dB
—
0.002
—
dB/°C
Table 5. Ordering Information
Device
Tape and Reel Information
Package
MMRF1022HSR5
R5 Suffix = 50 Units, 56 mm Tape Width, 13--inch Reel
NI--1230S--4L2L
1. Part internally matched both on input and output.
2. Measurements made with device in an asymmetrical Doherty configuration.
3. Exceeds recommended operating conditions. See CW operation data in Maximum Ratings table.
4. P3dB = Pavg + 7.0 dB where Pavg is the average output power measured using an unclipped W--CDMA single--carrier input signal where
output PAR is compressed to 7.0 dB @ 0.01% probability on CCDF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com