Electronic Components Datasheet Search
  English  ▼

X  

MMRF1022HS Datasheet(PDF) 1 Page - NXP Semiconductors

Part # MMRF1022HS
Description  RF Power LDMOS Transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMRF1022HS Datasheet(HTML) 1 Page - NXP Semiconductors

  MMRF1022HS Datasheet HTML 1Page - NXP Semiconductors MMRF1022HS Datasheet HTML 2Page - NXP Semiconductors MMRF1022HS Datasheet HTML 3Page - NXP Semiconductors MMRF1022HS Datasheet HTML 4Page - NXP Semiconductors MMRF1022HS Datasheet HTML 5Page - NXP Semiconductors MMRF1022HS Datasheet HTML 6Page - NXP Semiconductors MMRF1022HS Datasheet HTML 7Page - NXP Semiconductors MMRF1022HS Datasheet HTML 8Page - NXP Semiconductors MMRF1022HS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
MMRF1022HS
1
RF Device Data
Freescale Semiconductor, Inc.
RF Power LDMOS Transistor
N--Channel Enhancement--Mode Lateral MOSFET
This 63 W asymmetrical Doherty RF power LDMOS transistor is optimized
for instantaneous signal bandwidth capabilities covering the frequency range
of 2110 to 2170 MHz. This part is ideally suited for commercial and defense
communications and electronic warfare applications, such as an IED jammer.
2100 MHz
• Typical Doherty Single--Carrier W--CDMA Performance: VDD =28 Vdc,
IDQA = 500 mA, VGSB =0.5 Vdc, Pout = 63 W Avg., Input Signal
PAR = 9.9 dB @ 0.01% Probability on CCDF.
Frequency
Gps
(dB)
ηD
(%)
Output PAR
(dB)
ACPR
(dBc)
2110 MHz
16.2
51.6
7.9
–28.5
2140 MHz
16.2
51.8
7.9
–28.8
2170 MHz
16.1
50.9
7.9
–29.5
Features
• Advanced high performance in--package Doherty
• Greater negative gate--source voltage range for improved Class C operation
• Designed for digital predistortion error correction systems
Document Number: MMRF1022HS
Rev. 0, 4/2016
Freescale Semiconductor
Technical Data
2110–2170 MHz, 63 W AVG., 28 V
AIRFAST RF POWER LDMOS
TRANSISTOR
MMRF1022HS
NI--1230S--4L2L
(Top View)
RFoutA/VDSA
RFoutB/VDSB
RFinA/VGSA
RFinB/VGSB
VBWA(1)
6
3
15
24
Carrier
Peaking
Figure 1. Pin Connections
VBWB(1)
1. Device cannot operate with the VDD current
supplied through pin 3 and pin 6.
© Freescale Semiconductor, Inc., 2016. All rights reserved.


Similar Part No. - MMRF1022HS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MMRF1020-04GNR3 NXP-MMRF1020-04GNR3 Datasheet
505Kb / 20P
RF Power LDMOS Transistors
Rev. 0, 2/2014
MMRF1020-04N NXP-MMRF1020-04N Datasheet
505Kb / 20P
RF Power LDMOS Transistors
Rev. 0, 2/2014
MMRF1020-04NR3 NXP-MMRF1020-04NR3 Datasheet
505Kb / 20P
RF Power LDMOS Transistors
Rev. 0, 2/2014
MMRF1023HS NXP-MMRF1023HS Datasheet
436Kb / 16P
RF Power LDMOS Transistor
Rev. 0, 4/2016
MMRF1024HS NXP-MMRF1024HS Datasheet
423Kb / 16P
RF Power LDMOS Transistor
Rev. 0, 4/2016
More results

Similar Description - MMRF1022HS

ManufacturerPart #DatasheetDescription
logo
Polyfet RF Devices
L2821 POLYFET-L2821_14 Datasheet
64Kb / 2P
RF POWER LDMOS TRANSISTOR
L8721P POLYFET-L8721P_14 Datasheet
53Kb / 2P
RF POWER LDMOS TRANSISTOR
L88016 POLYFET-L88016_14 Datasheet
59Kb / 2P
RF POWER LDMOS TRANSISTOR
LB501 POLYFET-LB501_14 Datasheet
62Kb / 2P
RF POWER LDMOS TRANSISTOR
LC801 POLYFET-LC801_14 Datasheet
60Kb / 2P
RF POWER LDMOS TRANSISTOR
LK702 POLYFET-LK702_14 Datasheet
60Kb / 2P
RF POWER LDMOS TRANSISTOR
LP721 POLYFET-LP721_14 Datasheet
60Kb / 2P
RF POWER LDMOS TRANSISTOR
LP802 POLYFET-LP802_14 Datasheet
61Kb / 2P
RF POWER LDMOS TRANSISTOR
LP821 POLYFET-LP821_14 Datasheet
61Kb / 2P
RF POWER LDMOS TRANSISTOR
LQ801 POLYFET-LQ801_14 Datasheet
59Kb / 2P
RF POWER LDMOS TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com