Electronic Components Datasheet Search
  English  ▼

X  

OPA855 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # OPA855
Description  8 GHz Gain Bandwidth Product, Gain of 7 V/V Stable, Bipolar Input Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA855 Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA855 Datasheet HTML 3Page - Texas Instruments OPA855 Datasheet HTML 4Page - Texas Instruments OPA855 Datasheet HTML 5Page - Texas Instruments OPA855 Datasheet HTML 6Page - Texas Instruments OPA855 Datasheet HTML 7Page - Texas Instruments OPA855 Datasheet HTML 8Page - Texas Instruments OPA855 Datasheet HTML 9Page - Texas Instruments OPA855 Datasheet HTML 10Page - Texas Instruments OPA855 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
+
±
RG
RF
2.5 V
í2.5 V
50-
Source
50
GND
GND
50
50-
Measurement
System
50
50
GND
7
OPA855
www.ti.com
SBOS622 – JULY 2018
Product Folder Links: OPA855
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Electrical Characteristics (continued)
VS+ = 5 V, VS– = 0 V, G = 7 V/V, RF = 453 Ω, noninverting configuration, input common-mode biased at midsupply, RL = 200
Ω, output load is referenced to midsupply, and TA = 25℃ (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Test
Level
VOL
Output voltage (low)
TA = 25°C
1.05
1.15
V
A
TA = –40°C to +85°C
1.1
B
Linear output drive (sink and
source)
RL = 10 Ω, AOL > 60 dB
65
80
mA
A
TA = –40°C to +85°C, RL = 10 Ω,
AOL > 60 dB
74
B
ISC
Output short-circuit current
85
105
mA
A
CLOAD
Capacitive load drive
30% overshoot
10
pF
C
POWER SUPPLY
VS
Operating voltage
3.3
5.25
V
A
IQ
Quiescent current
16
17.5
19.5
mA
A
VS+ = 3.3 V
15.5
17
19
A
VS+ = 5.25 V
16.5
18
20
A
TA = –40°C to +85°C
19.5
B
TA = –40°C to +125°C
20.5
B
PSRR+
Positive power-supply rejection ratio
80
90
dB
A
PSRR–
Negative power-supply rejection
ratio
70
78
POWER DOWN
Disable voltage threshold
Amplifier OFF below this voltage
0.7
1
V
A
Enable voltage threshold
Amplifier ON below this voltage
1.5
1.8
V
A
Power-down quiescent current
0.07
0.2
mA
A
PD bias current
0.07
0.2
mA
A
Turnon time delay
Time to VOUT = 90% of final
value
13
ns
C
Turnoff time delay
Time to VOUT = 10% of original
value
120
ns
C
8 Parameter Measurement Information
8.1 Parameter Measurement Information
The various test setup configurations for the OPA855 are shown below
Figure 1. Noninverting Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com