Electronic Components Datasheet Search
  English  ▼

X  

OPA855 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA855
Description  8 GHz Gain Bandwidth Product, Gain of 7 V/V Stable, Bipolar Input Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA855 Datasheet(HTML) 1 Page - Texas Instruments

  OPA855 Datasheet HTML 1Page - Texas Instruments OPA855 Datasheet HTML 2Page - Texas Instruments OPA855 Datasheet HTML 3Page - Texas Instruments OPA855 Datasheet HTML 4Page - Texas Instruments OPA855 Datasheet HTML 5Page - Texas Instruments OPA855 Datasheet HTML 6Page - Texas Instruments OPA855 Datasheet HTML 7Page - Texas Instruments OPA855 Datasheet HTML 8Page - Texas Instruments OPA855 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
+
±
VBIAS
CF
RF
3.8 V
5 V
+
±
VREF
TDC7201
(Time-to-
Digital
Converter)
Pulsed Laser
Diode
Rx
Lens
+
±
VBIAS
CF
RF
3.8 V
5 V
+
±
VREF
Tx
Lens
MSP430
Controller
Start 1
Stop 1
Start 2
Stop 2
OPA855
OPA855
TLV3501
TLV3501
Photodiode capacitance (pF)
0
2
4
6
8
10
12
14
16
18
20
0
30
50
35
100
40
150
45
200
50
250
55
300
60
350
65
400
70
D575
f-3dB, RF = 10 k:
f-3dB , RF = 20 k:
IRN, RF = 10 k:
IRN, RF = 20 k:
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for pre-production products; subject to
change without notice.
OPA855
SBOS622 – JULY 2018
OPA855, 8 GHz Gain Bandwidth Product, Gain of 7 V/V Stable, Bipolar Input Amplifier
1
1 Features
1
•
High Gain Bandwidth Product: 8 GHz
•
Decompensated, Gain
≥ 7 V/V (Stable)
•
Low Input Voltage Noise: 0.98 nV/
√Hz
•
Slew Rate: 2750 V/µs
•
Low Input Capacitance:
–
Common-Mode: 0.6 pF
–
Differential: 0.2 pF
•
Wide Input Common-Mode Range:
–
0.4 V from Positive Supply
–
1.1 V from Negative Supply
•
3 VPP Output Swing in TIA Configuration
•
Supply Voltage Range: 3.3 V to 5.25 V
•
Quiescent Current: 17.5 mA
•
Available in 8-Pin WSON Package
•
Temperature Range: –40 to +125°C
2 Applications
•
High-Speed Transimpedance Amplifier
•
Laser Distance Measurement
•
Lidar Receivers
•
Level Transmitter (Optical)
•
Optical Time Domain Reflectometry (OTDR)
•
Distributed Temperature Sensing
•
3D Scanner
•
Time-of-Flight (ToF) Systems
•
Autonomous Driving Systems
spacer
3 Description
The OPA855 is a wideband, low-noise, operational
amplifier
with
bipolar
inputs
for
wideband
transimpedance and voltage amplifier applications.
When the device is configured as a transimpedance
amplifier (TIA), the 8-GHz gain bandwidth product
(GBWP) enables applications requiring high closed-
loop bandwidths at transimpedance gains up to tens
of kΩs.
The OPA855 device is available in a 2-mm × 2-mm,
8-pin, WSON package. The package features a
feedback pin (FB) that simplifies the feedback
network connection between the input and the output.
There is a no-connect (NC) pin between the FB pin
and the inverting input (IN–) of the amplifier that
increases the physical spacing between the FB and
IN– pins thereby decreasing the parasitic capacitive
coupling
between
them.
Minimizing
parasitic
capacitance on the amplifiers input and output node
is crucial to maximizing signal integrity in photodiode
and Lidar applications.
The OPA855 has been optimized for use in optical
Time-of-Flight (ToF) systems like the one shown in
the figure below where the OPA855 is used in
conjunction
with
the
TDC7201,
time
to
digital
converter. The OPA855 may also be used in high-
resolution Lidar systems with a high-speed Analog-to-
Digital converter (ADC) and a differential output
amplifier like the THS4541 or LMH5401 to drive the
ADC.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
OPA855
WSON (8)
2.00 mm × 2.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
High-Speed Time-of-Flight Receiver
Photodiode Capacitance vs. Bandwidth and Noise


Similar Part No. - OPA855

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA855 TI1-OPA855 Datasheet
1Mb / 30P
8-GHz Gain Bandwidth Product, Gain of 7-V/V Stable, Bipolar Input Amplifier
OPA855 TI-OPA855 Datasheet
3Mb / 33P
OPA856 1.1-GHz Unity-Gain Bandwidth, 0.9 nV /?숰z , Bipolar Input Amplifier
OPA855 TI-OPA855 Datasheet
1Mb / 29P
8-GHz Gain Bandwidth Product, Gain of 7-V/V Stable, Bipolar Input Amplifier
OPA855 TI-OPA855 Datasheet
3Mb / 35P
8-GHz Gain Bandwidth Product, Gain of 7-V/V Stable, Bipolar Input Amplifier
OPA855 TI2-OPA855 Datasheet
2Mb / 41P
OPA855 8GHz Gain Bandwidth Product, Gain of 7V/V Stable, Bipolar Input Amplifier
REVISED MAY 2025
More results

Similar Description - OPA855

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IK7002 IKSEMICON-IK7002 Datasheet
371Kb / 5P
Gain bandwidth product
logo
Texas Instruments
OPA858 TI1-OPA858 Datasheet
1Mb / 28P
5.5-GHz Gain Bandwidth Product Decompensated, FET Input Amplifier
OPA858 TI1-OPA858_18 Datasheet
2Mb / 31P
5.5-GHz Gain Bandwidth Product Decompensated, FET Input Amplifier
OPA855 TI1-OPA855_18 Datasheet
1Mb / 30P
8-GHz Gain Bandwidth Product, Gain of 7-V/V Stable, Bipolar Input Amplifier
OPA818 TI1-OPA818 Datasheet
641Kb / 27P
2.7-GHz, 13-V, Gain of 7-V/V Stable, FET-Input Operational Amplifier
OPA856 TI-OPA856 Datasheet
3Mb / 33P
OPA856 1.1-GHz Unity-Gain Bandwidth, 0.9 nV /?숰z , Bipolar Input Amplifier
OPA855-Q1 TI-OPA855-Q1 Datasheet
1Mb / 29P
8-GHz Gain Bandwidth Product, Gain of 7-V/V Stable, Bipolar Input Amplifier
OPA858-Q1 TI-OPA858-Q1 Datasheet
1Mb / 30P
OPA858-Q1 5.5-GHz Gain Bandwidth Product, Gain of 7-V/V Stable, FET Input Amplifier
OPA855-Q1 TI-OPA855-Q1_V01 Datasheet
3Mb / 35P
8-GHz Gain Bandwidth Product, Gain of 7-V/V Stable, Bipolar Input Amplifier
OPA858-Q1 TI-OPA858-Q1_V01 Datasheet
3Mb / 37P
OPA858-Q1 5.5-GHz Gain Bandwidth Product, Gain of 7-V/V Stable, FET Input Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com