Electronic Components Datasheet Search
  English  ▼

X  

OPA855 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # OPA855
Description  8 GHz Gain Bandwidth Product, Gain of 7 V/V Stable, Bipolar Input Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA855 Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA855 Datasheet HTML 9Page - Texas Instruments OPA855 Datasheet HTML 10Page - Texas Instruments OPA855 Datasheet HTML 11Page - Texas Instruments OPA855 Datasheet HTML 12Page - Texas Instruments OPA855 Datasheet HTML 13Page - Texas Instruments OPA855 Datasheet HTML 14Page - Texas Instruments OPA855 Datasheet HTML 15Page - Texas Instruments OPA855 Datasheet HTML 16Page - Texas Instruments OPA855 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
13
OPA855
www.ti.com
SBOS622 – JULY 2018
Product Folder Links: OPA855
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
9.4 Device Functional Modes
9.4.1 Split-Supply and Single-Supply Operation
The OPA855 can be configured with single-sided supplies or split-supplies. Split-supply operation using balanced
supplies with the input common-mode set to ground eases lab testing because most signal generators, network
analyzers, spectrum analyzers, and other lab equipment typically reference inputs and outputs to ground. Split-
supply operation is preferred in systems where the signals swing around ground. However, the system requires
two supply rails. In split-supply operation, the thermal pad must be connected to the negative supply.
Newer systems use a single power supply to improve efficiency and reduce the cost of the extra power supply.
The OPA855 can be used with a single positive supply (negative supply at ground) with no change in
performance if the input common-mode and output swing are biased within the linear operation of the device. To
change the circuit from a split-supply to a single-supply configuration, level shift all the voltages by half the
difference between the power supply rails. In this case, the thermal pad must be connected to ground.
9.4.2 Power-Down Mode
The OPA855 features a power-down mode to reduce the quiescent current, which conserves power. Driving the
PD pin LOW (less than 0.8 V) disables the amplifier, consuming a standby current of less than 200 µA. Raise the
PD pin HIGH (greater than 1.2 V) to enable the amplifier.
The PD disable and enable threshold voltages are with reference to the negative supply. If the amplifier is
configured with the positive supply at 3.3 V and the negative supply at ground, then the disable and enable
threshold voltages are 0.8 V and 1.2 V, respectively. If the amplifier is configured with ±2.5-V supplies, then the
threshold voltages are at –1.7 V and –1.3 V, respectively.
Connecting the PD pin low disables the amplifier and places the output in a high-impedance state. When the
amplifier is configured as a noninverting amplifier, the feedback (RF) and gain (RG) resistor network form a
parallel load to the output of the amplifier. To protect the input stage of the amplifier, the OPA855 uses internal,
back-to-back protection diodes between the inverting and noninverting input pins as Figure 6 shows. When the
differential voltage between the input pins of the amplifier exceeds a diode voltage drop, an additional low-
impedance path is created between the inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com