Electronic Components Datasheet Search
  English  ▼

X  

SSM2518 Datasheet(PDF) 7 Page - Analog Devices

Part # SSM2518
Description  Digital Input Stereo, 2 W, Class-D Audio Power Amplifier
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2518 Datasheet(HTML) 7 Page - Analog Devices

Back Button SSM2518 Datasheet HTML 3Page - Analog Devices SSM2518 Datasheet HTML 4Page - Analog Devices SSM2518 Datasheet HTML 5Page - Analog Devices SSM2518 Datasheet HTML 6Page - Analog Devices SSM2518 Datasheet HTML 7Page - Analog Devices SSM2518 Datasheet HTML 8Page - Analog Devices SSM2518 Datasheet HTML 9Page - Analog Devices SSM2518 Datasheet HTML 10Page - Analog Devices SSM2518 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
Datasheet
SSM2518
Rev. B | Page 7 of 48
DIGITAL TIMING
All timing specifications are given for the default setting (I2S mode) of the serial input port.
Table 5.
Limit
Parameter
Min
Max
Unit
Description
MASTER CLOCK
tMP
74
136
ns
MCLK period, 256 × fS mode (MCS = b0010)
tMP
148
271
ns
MCLK period, 128 × fS mode (MCS = b0001)
SERIAL PORT
tBIL
40
ns
BCLK low pulse width
tBIH
40
ns
BCLK high pulse width
tLIS
10
ns
Setup time from LRCLK or SDATA edge to BCLK rising edge
tLIH
10
ns
Hold time from BCLK rising edge to LRCLK or SDATA edge
tSIS
10
ns
SDATA setup time to BCLK rising
tSIH
10
ns
SDATA hold time from BCLK rising
I2C PORT
fSCL
400
kHz
SCL frequency
tSCLH
0.6
μs
SCL high
tSCLL
1.3
μs
SCL low
tSCS
0.6
μs
Setup time; relevant for repeated start condition
tSCH
0.6
μs
Hold time; after this period, the first clock is generated
tDS
100
ns
Data setup time
tSCR
300
ns
SCL rise time
tSCF
300
ns
SCL fall time
tSDR
300
ns
SDA rise time
tSDF
300
ns
SDA fall time
tBFT
0.6
μs
Bus-free time (time between stop and start)
Digital Timing Diagrams
tSIS
tSIH
tSIS
tSIH
tLIH
tBP
tBIH
BCLK
LRCLK
SDATA
LEFT-JUSTIFIED
MODE
SDATA
I2C-JUSTIFIED
MODE
SDATA
RIGHT-JUSTIFIED
MODE
tBIL
tLIS
tSIS
tSIH
tSIS
tSIH
MSB
MSB
MSB
LSB
MSB – 1
Figure 2. Serial Input Port Timing
tSCH
tSCS
tBFT
tSCF
tDS
tSCLL
tSCR
tSCLH
tSCH
STOP
CONDITION
START
CONDITION
SDA
SCL
Figure 3. I2C Port Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com