Electronic Components Datasheet Search
  English  ▼

X  

SSM2518 Datasheet(PDF) 24 Page - Analog Devices

Part # SSM2518
Description  Digital Input Stereo, 2 W, Class-D Audio Power Amplifier
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2518 Datasheet(HTML) 24 Page - Analog Devices

Back Button SSM2518 Datasheet HTML 20Page - Analog Devices SSM2518 Datasheet HTML 21Page - Analog Devices SSM2518 Datasheet HTML 22Page - Analog Devices SSM2518 Datasheet HTML 23Page - Analog Devices SSM2518 Datasheet HTML 24Page - Analog Devices SSM2518 Datasheet HTML 25Page - Analog Devices SSM2518 Datasheet HTML 26Page - Analog Devices SSM2518 Datasheet HTML 27Page - Analog Devices SSM2518 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 48 page
background image
SSM2518
Datasheet
Rev. B | Page 24 of 48
MCLK Frequency Settings
Table 11. MCS Bit Field Setting: MCLK, Ratio, and Frequency
Input
Sample Rate
Setting 0
b00001
Setting 1
b0001
Setting 2
b0010
Setting 3
b0011
Setting 4
b0100
Setting 5
b0101
Setting 6
b0110
Setting 7
b0111
Setting 8
b1000
8 kHz
Ratio
256 × fS
512 × fS
1024 × fS
1536 × fS
2048 × fS
3072 × fS
400 × fS
800 × fS
1600 × fS
MCLK
2.048 MHz
4.096 MHz
8.192 MHz
12.288 MHz
16.384 MHz
24.576 MHz
3.20 MHz
6.40 MHz
12.80 MHz
11.025
kHz
Ratio
256 × fS
512 × fS
1024 × fS
1536 × fS
2048 × fS
3072 × fS
400 × fS
800 × fS
1600 × fS
MCLK
2.822 MHz
5.6448 MHz
11.2896 MHz
16.9344 MHz
22.5792 MHz
33.8688 MHz
4.41 MHz
8.82 MHz
17.64 MHz
12 kHz
Ratio
256 × fS
512 × fS
1024 × fS
1536 × fS
2048 × fS
3072 × fS
400 × fS
800 × fS
1600 × fS
MCLK
3.072 MHz
6.144 MHz
12.288 MHz
18.432 MHz
24.576 MHz
38.864 MHz
4.80 MHz
9.60 MHz
19.20 MHz
16 kHz
Ratio
128 × fS
256 × fS
384 × fS
768 × fS
1024 × fS
1536 × fS
200 × fS
400 × fS
800 × fS
MCLK
2.048 MHz
4.096 MHz
8.192 MHz
12.288 MHz
16.384 MHz
24.576 MHz
3.20 MHz
6.40 MHz
12.80 MHz
22.05
kHz
Ratio
128 × fS
256 × fS
512 × fS
768 × fS
1024 × fS
1536 × fS
200 × fS
400 × fS
800 × fS
MCLK
2.822 MHz
5.6448 MHz
11.2896 MHz
16.9344 MHz
22.5792 MHz
33.8688 MHz
4.41 MHz
8.82 MHz
17.64 MHz
24 kHz
Ratio
128 × fS
256 × fS
512 × fS
768 × fS
1024 × fS
1536 × fS
200 × fS
400 × fS
800 × fS
MCLK
3.072 MHz
6.144 MHz
12.288 MHz
18.432 MHz
24.576 MHz
38.864 MHz
4.80 MHz
9.60 MHz
19.20 MHz
32 kHz
Ratio
64 × fS
128 × fS
256 × fS
384 × fS
512 × fS
768 × fS
100 × fS
200 × fS
400 × fS
MCLK
2.048 MHz
4.096 MHz
8.192 MHz
12.288 MHz
16.384 MHz
24.576 MHz
3.20 MHz
6.40 MHz
12.80 MHz
44.1 kHz
Ratio
64 × fS
128 × fS
256 × fS
384 × fS
512 × fS
768 × fS
100 × fS
200 × fS
400 × fS
MCLK
2.822 MHz
5.6448 MHz
11.2896 MHz
16.9344 MHz
22.5792 MHz
33.8688 MHz
4.41 MHz
8.82 MHz
17.64 MHz
48 kHz
Ratio
64 × fS
128 × fS
256 × fS
384 × fS
512 × fS
768 × fS
100 × fS
200 × fS
400 × fS
MCLK
3.072 MHz
6.144 MHz
12.288 MHz
18.432 MHz
24.576 MHz
38.864 MHz
4.80 MHz
9.60 MHz
19.20 MHz
96 kHz
Ratio
64 × fS
64 × fS
128 × fS
192 × fS
256 × fS
384 × fS
50 × fS
100 × fS
200 × fS
MCLK
3.072 MHz
6.144 MHz
12.288 MHz
18.432 MHz
24.576 MHz
38.864 MHz
4.80 MHz
9.60 MHz
19.20 MHz
1
When using MCS = 0000, the chip automatically operates in low power mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com