Electronic Components Datasheet Search
  English  ▼

X  

SSM2518 Datasheet(PDF) 12 Page - Analog Devices

Part # SSM2518
Description  Digital Input Stereo, 2 W, Class-D Audio Power Amplifier
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2518 Datasheet(HTML) 12 Page - Analog Devices

Back Button SSM2518 Datasheet HTML 8Page - Analog Devices SSM2518 Datasheet HTML 9Page - Analog Devices SSM2518 Datasheet HTML 10Page - Analog Devices SSM2518 Datasheet HTML 11Page - Analog Devices SSM2518 Datasheet HTML 12Page - Analog Devices SSM2518 Datasheet HTML 13Page - Analog Devices SSM2518 Datasheet HTML 14Page - Analog Devices SSM2518 Datasheet HTML 15Page - Analog Devices SSM2518 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 48 page
background image
SSM2518
Datasheet
Rev. B | Page 12 of 48
10
100
1k
10k
100k
FREQUENCY (Hz)
0.125W
0.25W
0.5W
0.01
0.1
1
10
100
PVDD = 3.6V
GAIN = 3.6V
MCLK = 256 ×
fS
RL = 8Ω, 33µH
Figure 12. THD + N vs. Frequency, PVDD = 3.6 V, RL = 8 Ω
10
100
1k
10k
100k
FREQUENCY (Hz)
0.01
0.1
1
10
100
0.05W
0.10W
0.20W
PVDD = 2.5V
GAIN = 3.6V
MCLK = 256 ×
fS
RL = 8Ω, 33µH
Figure 13. THD + N vs. Frequency, PVDD = 2.5 V, RL = 8 Ω
4
5
6
7
8
9
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
SUPPLY VOLTAGE (V)
NO LOAD
8Ω + 33µH
4Ω + 33µH
DAC_LPM = 1
AMP_LPM = 1
DVDD = 1.8V
DITHER INPUT
Figure 14. Quiescent Current (Power Stage) vs. Supply Voltage
10
100
1k
10k
100k
FREQUENCY (Hz)
0.125W
0.25W
0.5W
0.01
0.1
1
10
100
PVDD = 3.6V
GAIN = 3.6V
MCLK = 256 ×
fS
RL = 4Ω, 15µH
Figure 15. THD + N vs. Frequency, PVDD = 3.6 V, RL = 4 Ω
10
100
1k
10k
100k
FREQUENCY (Hz)
0.01
0.1
1
10
100
0.05W
0.10W
0.20W
PVDD = 2.5V
GAIN = 3.6V
MCLK = 256 ×
fS
RL = 4Ω, 15µH
Figure 16. THD + N vs. Frequency, PVDD = 2.5 V, RL = 4 Ω
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
1.6
2.0
2.4
2.8
3.2
3.6
SUPPLY VOLTAGE (V)
8kHz 256 ×
fS
24kHz 256 ×
fS
48kHz 256 ×
fS
MCLK = 256 ×
fS
DAC_LPM = 1, AMP_LPM = 1
Figure 17. Quiescent Current (Digital Core) vs. Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com