Electronic Components Datasheet Search
  English  ▼

X  

SSM2518 Datasheet(PDF) 16 Page - Analog Devices

Part # SSM2518
Description  Digital Input Stereo, 2 W, Class-D Audio Power Amplifier
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2518 Datasheet(HTML) 16 Page - Analog Devices

Back Button SSM2518 Datasheet HTML 12Page - Analog Devices SSM2518 Datasheet HTML 13Page - Analog Devices SSM2518 Datasheet HTML 14Page - Analog Devices SSM2518 Datasheet HTML 15Page - Analog Devices SSM2518 Datasheet HTML 16Page - Analog Devices SSM2518 Datasheet HTML 17Page - Analog Devices SSM2518 Datasheet HTML 18Page - Analog Devices SSM2518 Datasheet HTML 19Page - Analog Devices SSM2518 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 48 page
background image
SSM2518
Datasheet
Rev. B | Page 16 of 48
TYPICAL APPLICATION CIRCUIT
100nF
*OPTIONAL FOR APPLICATIONS WITH >20cm SPEAKER CABLE.
SSM2518
4.7µF
PVDD 2.5V TO 5.5V
C3
470pF
2.2kΩ
2.2kΩ
C4
470pF
FB4
FB3
C1
470pF
C2
470pF
FB2
FB1
*
100nF
AUDIO
PROCESSOR
SYSTEM
MICROCONTROLLER
DVDD 1.62V TO 3.6V
1.35V TO 5.5V
GND
ADDR
SAMOD
SD
SCL
MCLK
LRCLK
BCLK
OUTL+
OUTL–
OUTR+
OUTR–
SDATA
SDA
Figure 24. Typical Application Circuit Using I2C Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com