Electronic Components Datasheet Search
  English  ▼

X  

SSM2518 Datasheet(PDF) 8 Page - Analog Devices

Part # SSM2518
Description  Digital Input Stereo, 2 W, Class-D Audio Power Amplifier
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2518 Datasheet(HTML) 8 Page - Analog Devices

Back Button SSM2518 Datasheet HTML 4Page - Analog Devices SSM2518 Datasheet HTML 5Page - Analog Devices SSM2518 Datasheet HTML 6Page - Analog Devices SSM2518 Datasheet HTML 7Page - Analog Devices SSM2518 Datasheet HTML 8Page - Analog Devices SSM2518 Datasheet HTML 9Page - Analog Devices SSM2518 Datasheet HTML 10Page - Analog Devices SSM2518 Datasheet HTML 11Page - Analog Devices SSM2518 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
SSM2518
Datasheet
Rev. B | Page 8 of 48
ABSOLUTE MAXIMUM RATINGS
Absolute maximum ratings apply at 25°C, unless otherwise noted.
Table 6.
Parameter
Rating
PVDD Supply Voltage
−0.3 V to +6 V
DVDD Supply Voltage
−0.3 V to +3.6 V
Input Voltage (ADDR, MCLK, BCLK, LRCLK,
SDATA, SAMOD Pins)
−0.3 V to +3.6 V
Input Voltage (SD, SDA, and SCL Pins)
−0.3 V to +6 V
ESD Susceptibility
4 kV
Storage Temperature Range
−65°C to +150°C
Operating Temperature Range
−40°C to +85°C
Junction Temperature Range
−65°C to +165°C
Lead Temperature (Soldering, 60 sec)
300°C
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 7. Thermal Resistance
Package Type
θJA
Unit
16-ball, 2 mm × 2 mm WLCSP
56
°C/W
20-lead, 4.0 mm × 4.0 mm LFCSP
54
°C/W
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com