Electronic Components Datasheet Search
  English  ▼

X  

MMRF2007N Datasheet(PDF) 4 Page - NXP Semiconductors

Part # MMRF2007N
Description  RF LDMOS Wideband Integrated Power Amplifiers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMRF2007N Datasheet(HTML) 4 Page - NXP Semiconductors

  MMRF2007N Datasheet HTML 1Page - NXP Semiconductors MMRF2007N Datasheet HTML 2Page - NXP Semiconductors MMRF2007N Datasheet HTML 3Page - NXP Semiconductors MMRF2007N Datasheet HTML 4Page - NXP Semiconductors MMRF2007N Datasheet HTML 5Page - NXP Semiconductors MMRF2007N Datasheet HTML 6Page - NXP Semiconductors MMRF2007N Datasheet HTML 7Page - NXP Semiconductors MMRF2007N Datasheet HTML 8Page - NXP Semiconductors MMRF2007N Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4
RF Device Data
Freescale Semiconductor, Inc.
MMRF2007N MMRF2007GN
Figure 3. MMRF2007N Test Circuit Component Layout
C1
C2
Z1
R1
C3
C4
R2
L1
C7
C6
R3
L2
C8
C14
C10
C5
C9
C13
L4
L3
C12
C11
C15
C16
C18
C17
R5
R4
C20
C19
R6
R7
C36
C35
Z2
R10
R9
R8
C33
C34
L6
L5
C28
C27
C29
C31
C32
C30
C23
C25
C26
C24
C21
C22
VDD1A
VDD1B
VGG2B
VGG2A
VGG1A
VGG1B
VDD2B
VDD2A
Table 7. MMRF2007N Test Circuit Component Designations and Values
Part
Description
Part Number
Manufacturer
C1, C2, C35, C36
10 F, 50 V Chip Capacitors
GRM55DR61H106KA88L
Murata
C3, C4, C9, C10
1 F, 50 V Chip Capacitors
GRM31MR71H105KA88L
Murata
C5, C6
3.3 pF Chip Capacitors
ATC600F3R3BT250XT
ATC
C7, C8, C27, C28, C33, C34
39 pF Chip Capacitors
ATC600F390JT250XT
ATC
C11, C12
47 pF Chip Capacitors
ATC600S470JT250XT
ATC
C13, C14
4.7 pF Chip Capacitors
ATC600S4R7JT250XT
ATC
C15, C16, C19, C20
0.1 F, 50 V Chip Capacitors
GRM188R71C104K01D
Murata
C17, C18
5.6 pF Chip Capacitors
ATC600S5R6JT250XT
ATC
C21, C22
15 pF Chip Capacitors
ATC600F150JT250XT
ATC
C23, C24, C25, C26
4.7 pF Chip Capacitors
ATC600F4R7BT250XT
ATC
C29. C30, C31, C32
2.7 pF Chip Capacitors
ATC600F2R7BT250XT
ATC
L1, L2, L5, L6
5.0 nH 2 Turn Inductors
A02TKLC
Coilcraft
L3, L4
2.8 nH Chip Inductors
0805CS--020XJLC
Coilcraft
R1
51 , 1/8 W Chip Resistor
SG73P2ATTD51R0F
KOA Speer
R2, R3, R8, R9
10 , 1/8 W Chip Resistors
RK73H2ATTD10R0F
KOA Speer
R4, R5, R6, R7
8.25 k, 1/10 W Chip Resistors
RK73H1JTTD8251F
KOA Speer
R10
50 , 10 W SM Chip Power Resistor
81A7031--50--5F
Florida RF Labs
Z1, Z2
900 MHz Band, 90, 3 dB Chip Hybrid Couplers
GSC362--HYB0900
Soshin
PCB
Rogers RO4350B, 0.030, r =3.66
—
MTL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com