Electronic Components Datasheet Search
  English  ▼

X  

MMRF2007N Datasheet(PDF) 6 Page - NXP Semiconductors

Part # MMRF2007N
Description  RF LDMOS Wideband Integrated Power Amplifiers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMRF2007N Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button MMRF2007N Datasheet HTML 2Page - NXP Semiconductors MMRF2007N Datasheet HTML 3Page - NXP Semiconductors MMRF2007N Datasheet HTML 4Page - NXP Semiconductors MMRF2007N Datasheet HTML 5Page - NXP Semiconductors MMRF2007N Datasheet HTML 6Page - NXP Semiconductors MMRF2007N Datasheet HTML 7Page - NXP Semiconductors MMRF2007N Datasheet HTML 8Page - NXP Semiconductors MMRF2007N Datasheet HTML 9Page - NXP Semiconductors MMRF2007N Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6
RF Device Data
Freescale Semiconductor, Inc.
MMRF2007N MMRF2007GN
TYPICAL CHARACTERISTICS
1
Gps
IMD
Pout, OUTPUT POWER (WATTS) AVG.
Figure 7. Power Gain, Power Added Efficiency and Intermodulation
Distortion Products versus Output Power
--20
--30
24
36
0
60
50
40
30
20
34
32
10
100
10
--70
30
28
26
--10
--40
--50
--60
Figure 8. Broadband Frequency Response
24
36
700
f, FREQUENCY (MHz)
32
30
28
750
34
Gain
800
850
900
950
1000
1050
1100
26
PAE
850 MHz
900 MHz
940 MHz
VDD1 =28 Vdc,VDD2 =25 Vdc
Pin =0 dBm, IDQ1(A+B) =60 mA
IDQ2(A+B) = 550 mA
VDD1 =28 Vdc,VDD2 =25 Vdc,IDQ1(A+B) =60 mA
IDQ2(A+B) = 550 mA, 200 kHz Tone Spacing
850 MHz
900 MHz
940 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com