Electronic Components Datasheet Search
  English  ▼

X  

MMRF2007N Datasheet(PDF) 9 Page - NXP Semiconductors

Part # MMRF2007N
Description  RF LDMOS Wideband Integrated Power Amplifiers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMRF2007N Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button MMRF2007N Datasheet HTML 5Page - NXP Semiconductors MMRF2007N Datasheet HTML 6Page - NXP Semiconductors MMRF2007N Datasheet HTML 7Page - NXP Semiconductors MMRF2007N Datasheet HTML 8Page - NXP Semiconductors MMRF2007N Datasheet HTML 9Page - NXP Semiconductors MMRF2007N Datasheet HTML 10Page - NXP Semiconductors MMRF2007N Datasheet HTML 11Page - NXP Semiconductors MMRF2007N Datasheet HTML 12Page - NXP Semiconductors MMRF2007N Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
MMRF2007N MMRF2007GN
9
RF Device Data
Freescale Semiconductor, Inc.
LOAD PULL CHARACTERISTICS — STAGE 2
VDD2 =25 Vdc,IDQ2 = 300 mA, CW
f
MHz
Zsource
Zload (1)
Max Pout
P1dB
dBm
W
850
10.9 + j10.2
3.34 + j2.16
47.1
51
940
14.6 + j7.51
3.24 + j2.00
46.8
48
(1) Load impedance for optimum P1dB power.
Zsource = Impedance as measured from gate contact to ground.
Zload = Impedance as measured from drain contact to ground.
Figure 11. Single Side Load Pull Performance —
Maximum P1dB Tuning
Z source
Z load
Input
Load Pull
Tuner
Device
Under
Test
Output
Load Pull
Tuner
VDD2 =25 Vdc,IDQ2 = 300 mA, CW
f
MHz
Zsource
Zload (1)
Max Eff.
P1dB
%
850
10.9 + j10.2
3.36 + j3.93
66.2
940
14.6 + j7.51
2.95 + j3.66
62.1
(1) Load impedance for optimum P1dB efficiency.
Zsource = Impedance as measured from gate contact to ground.
Zload = Impedance as measured from drain contact to ground.
Figure 12. Single Side Load Pull Performance —
Maximum Efficiency Tuning
Z source
Z load
Input
Load Pull
Tuner
Device
Under
Test
Output
Load Pull
Tuner
VDD2 =25 Vdc,IDQ2 = 300 mA, CW
f
MHz
Zsource
Zload (1)
Max Pout
P1dB
dBm
W
430
5.53 + j5.06
5.61 + j0.05
46.8
48
(1) Load impedance for optimum P1dB power.
Zsource = Impedance as measured from gate contact to ground.
Zload = Impedance as measured from drain contact to ground.
Figure 13. Single Side Load Pull Performance —
Maximum P1dB Tuning
Z source
Z load
Input
Load Pull
Tuner
Device
Under
Test
Output
Load Pull
Tuner
VDD2 =25 Vdc,IDQ2 = 300 mA, CW
f
MHz
Zsource
Zload (1)
Max Eff.
P1dB
%
430
5.53 + j5.06
5.96 + j2.65
66.1
(1) Load impedance for optimum P1dB efficiency.
Zsource = Impedance as measured from gate contact to ground.
Zload = Impedance as measured from drain contact to ground.
Figure 14. Single Side Load Pull Performance —
Maximum Efficiency Tuning
Z source
Z load
Input
Load Pull
Tuner
Device
Under
Test
Output
Load Pull
Tuner



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com