Electronic Components Datasheet Search
  English  ▼

X  

AFV10700GS Datasheet(PDF) 6 Page - NXP Semiconductors

Part # AFV10700GS
Description  RF Power LDMOS Transistors
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFV10700GS Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button AFV10700GS Datasheet HTML 2Page - NXP Semiconductors AFV10700GS Datasheet HTML 3Page - NXP Semiconductors AFV10700GS Datasheet HTML 4Page - NXP Semiconductors AFV10700GS Datasheet HTML 5Page - NXP Semiconductors AFV10700GS Datasheet HTML 6Page - NXP Semiconductors AFV10700GS Datasheet HTML 7Page - NXP Semiconductors AFV10700GS Datasheet HTML 8Page - NXP Semiconductors AFV10700GS Datasheet HTML 9Page - NXP Semiconductors AFV10700GS Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
6
RF Device Data
NXP Semiconductors
AFV10700H AFV10700HS AFV10700GS
1030–1090 MHz REFERENCE CIRCUIT – 2.0 3.0 (5.1 cm  7.6 cm)
Figure 5. AFV10700H Reference Circuit Component Layout – 1030–1090 MHz
*C1, C2, C3, C4, C6, C7, C8, C9, C10, C11, C12, C14 and C16 are mounted vertically.
C2*
C11*
C3*
C4*
R1
C5
C6*
C16*
C9*
C17
C18
C7*
C8*
C15
C10*
C14*
C13
C12*
Q1
D85937
C1*
Table 7. AFV10700H Reference Circuit Component Designations and Values – 1030–1090 MHz
Part
Description
Part Number
Manufacturer
C1
1.5 pF Chip Capacitor
ATC800B1R5BT500XT
ATC
C2, C8, C14
39 pF Chip Capacitor
ATC800B390JT500XT
ATC
C3, C4
4.3 pF Chip Capacitor
ATC800B4R3CT500XT
ATC
C5, C15
2.2 F Chip Capacitor
C3225X7R2A225K230AB
TDK
C6, C12
1000 pF Chip Capacitor
ATC800B102JT50XT
ATC
C7
100 pF Chip Capacitor
ATC800B101JT500XT
ATC
C9
4.7 pF Chip Capacitor
ATC800B4R7CT500XT
ATC
C10, C11
3.3 pF Chip Capacitor
ATC800B3R3CT500XT
ATC
C13
1.0 F Chip Capacitor
GRM31CR72A105KA01L
Murata
C16
510 pF Chip Capacitor
ATC800B511JT200XT
ATC
C17, C18
470 F, 63 V Electrolytic Capacitor
MCGPR63V477M13X26--RH
Multicomp
Q1
RF High Power LDMOS Transistor
AFV10700H
NXP
R1
10 , 1/8 W Chip Resistor
RK73H2ATTD10R0F
KAO Speer
PCB
Rogers RO3010 0.025, r =11.2
D85937
MTL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com