Electronic Components Datasheet Search
  English  ▼

X  

AFV10700GS Datasheet(PDF) 1 Page - NXP Semiconductors

Part # AFV10700GS
Description  RF Power LDMOS Transistors
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFV10700GS Datasheet(HTML) 1 Page - NXP Semiconductors

  AFV10700GS Datasheet HTML 1Page - NXP Semiconductors AFV10700GS Datasheet HTML 2Page - NXP Semiconductors AFV10700GS Datasheet HTML 3Page - NXP Semiconductors AFV10700GS Datasheet HTML 4Page - NXP Semiconductors AFV10700GS Datasheet HTML 5Page - NXP Semiconductors AFV10700GS Datasheet HTML 6Page - NXP Semiconductors AFV10700GS Datasheet HTML 7Page - NXP Semiconductors AFV10700GS Datasheet HTML 8Page - NXP Semiconductors AFV10700GS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
AFV10700H AFV10700HS AFV10700GS
1
RF Device Data
NXP Semiconductors
RF Power LDMOS Transistors
N--Channel Enhancement--Mode Lateral MOSFETs
These RF power transistors are designed for pulse applications operating at
1030 to 1090 MHz and can be used over the 960 to 1215 MHz band at
reduced power. These devices are suitable for use in defense and commercial
pulse applications with large duty cycles and long pulses, such as IFF,
secondary surveillance radars, ADS--B transponders, DME and other complex
pulse chains.
Typical Performance: In 1030–1090 MHz reference circuit, IDQ(A+B) = 100 mA
Frequency
(MHz) (1)
Signal Type
VDD
(V)
Pout
(W)
Gps
(dB)
D
(%)
1030
Pulse
(128 sec,
10% Duty Cycle)
50
800 Peak
17.5
52.1
1090
700 Peak
19.0
56.1
1030
52
850 Peak
17.5
51.7
1090
770 Peak
19.2
56.1
Typical Performance: In 1030 MHz narrowband production test fixture,
IDQ(A+B) = 100 mA
Frequency
(MHz)
Signal Type
VDD
(V)
Pout
(W)
Gps
(dB)
D
(%)
1030 (2)
Pulse
(128 sec,
10% Duty Cycle)
50
730 Peak
19.2
58.5
Narrowband Load Mismatch/Ruggedness
Frequency
(MHz)
Signal Type
VSWR
Pin
(W)
Test
Voltage
Result
1030 (2)
Pulse
(128 sec,
10% Duty Cycle)
> 20:1 at
All Phase
Angles
17.2 Peak
(3 dB
Overdrive)
50
No Device
Degradation
1. Measured in 1030–1090 MHz reference circuit (page 5).
2. Measured in 1030 MHz narrowband production test fixture (page 9).
Features
 Internally input and output matched for broadband operation and ease of use
 Device can be used in a single--ended, push--pull or quadrature configuration
 Qualified up to a maximum of 55 VDD operation
 High ruggedness, handles > 20:1 VSWR
 Integrated ESD protection with greater negative gate--source voltage range
for improved Class C operation and gate voltage pulsing
 Recommended drivers: MRFE6VS25N (25 W) or MRF6V10010N (10 W)
 Included in NXP product longevity program with assured supply for a
minimum of 15 years after launch
Document Number: AFV10700H
Rev. 1, 01/2018
NXP Semiconductors
Technical Data
1030–1090 MHz, 700 W PEAK, 52 V
AIRFAST RF POWER LDMOS
TRANSISTORS
AFV10700H
AFV10700HS
AFV10700GS
NI--780S--4L
AFV10700HS
NI--780H--4L
AFV10700H
Figure 1. Pin Connections
(Top View)
Drain A
31
42 Drain B
Gate A
Gate B
Note: The backside of the package is the
source terminal for the transistor.
NI--780GS--4L
AFV10700GS
 2017–2018 NXP B.V.


Similar Part No. - AFV10700GS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
AFV121KGS NXP-AFV121KGS Datasheet
1,022Kb / 20P
RF Power LDMOS Transistors
Rev. 0, 11/2015
AFV121KH NXP-AFV121KH Datasheet
1,022Kb / 20P
RF Power LDMOS Transistors
Rev. 0, 11/2015
AFV121KHS NXP-AFV121KHS Datasheet
1,022Kb / 20P
RF Power LDMOS Transistors
Rev. 0, 11/2015
AFV141KGS NXP-AFV141KGS Datasheet
434Kb / 15P
RF Power LDMOS Transistors
Rev. 0, 4/2016
AFV141KH NXP-AFV141KH Datasheet
434Kb / 15P
RF Power LDMOS Transistors
Rev. 0, 4/2016
More results

Similar Description - AFV10700GS

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRFE6VP100H FREESCALE-MRFE6VP100H Datasheet
1Mb / 20P
RF Power LDMOS Transistors
logo
NXP Semiconductors
MMRF1305H NXP-MMRF1305H Datasheet
1,019Kb / 20P
RF Power LDMOS Transistors
Rev. 0, 12/2013
MMRF1312H NXP-MMRF1312H Datasheet
428Kb / 15P
RF Power LDMOS Transistors
Rev. 0, 3/2016
AFV09P350-04N NXP-AFV09P350-04N Datasheet
505Kb / 20P
RF Power LDMOS Transistors
Rev. 0, 1/2014
MRF8VP13350N NXP-MRF8VP13350N Datasheet
807Kb / 23P
RF Power LDMOS Transistors
Rev. 2, 02/2017
MRFE6VP61K25N NXP-MRFE6VP61K25N Datasheet
1Mb / 22P
RF Power LDMOS Transistors
Rev. 2, 4/2015
MRFE8VP8600H NXP-MRFE8VP8600H Datasheet
335Kb / 14P
RF Power LDMOS Transistors
Rev. 1, 08/2017
MRF101AN NXP-MRF101AN Datasheet
841Kb / 41P
RF Power LDMOS Transistors
Rev. 1, 05/2019
MRFX600H NXP-MRFX600H Datasheet
634Kb / 20P
RF Power LDMOS Transistors
Rev. 0, 09/2018
A2T18S162W31SR3 NXP-A2T18S162W31SR3 Datasheet
468Kb / 15P
RF Power LDMOS Transistors
Rev. 0, 5/2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com