Electronic Components Datasheet Search
  English  ▼

X  

AFV10700GS Datasheet(PDF) 9 Page - NXP Semiconductors

Part # AFV10700GS
Description  RF Power LDMOS Transistors
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFV10700GS Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button AFV10700GS Datasheet HTML 5Page - NXP Semiconductors AFV10700GS Datasheet HTML 6Page - NXP Semiconductors AFV10700GS Datasheet HTML 7Page - NXP Semiconductors AFV10700GS Datasheet HTML 8Page - NXP Semiconductors AFV10700GS Datasheet HTML 9Page - NXP Semiconductors AFV10700GS Datasheet HTML 10Page - NXP Semiconductors AFV10700GS Datasheet HTML 11Page - NXP Semiconductors AFV10700GS Datasheet HTML 12Page - NXP Semiconductors AFV10700GS Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
AFV10700H AFV10700HS AFV10700GS
9
RF Device Data
NXP Semiconductors
1030 MHz NARROWBAND PRODUCTION TEST FIXTURE – 4.0 5.0 (10.2 cm  12.7 cm)
*C14, C15, C19, C20, C21, C22, C23 and C24 are mounted vertically.
Figure 9. AFV10700H Narrowband Test Circuit Component Layout – 1030 MHz
L1
C13
C12
C1
C25 C27
C26
C28
C18
L2
C17
C11
C8
B2 C4
R2
C6
C2
C9
C10
C3
B1
Coax1
C15*
C14*
C19*
C20*
C21*
C22*
C23*
C24*
C16
AFV10700H
Rev. 0
C5
C7
D89532
Coax2
Coax3
Coax4
R1
Table 8. AFV10700H Narrowband Test Circuit Component Designations and Values – 1030 MHz
Part
Description
Part Number
Manufacturer
B1, B2
Short RF Bead
2743019447
Fair--Rite
C1, C2
22 F, 35 V Tantalum Capacitor
T491X226K035AT
Kemet
C3, C4
2.2 F Chip Capacitor
C1825C225J5RAC
Kemet
C5, C6
0.1 F Chip Capacitor
CDR33BX104AKWS
AVX
C7, C8, C19, C20, C21, C22, C23, C24
43 pF Chip Capacitor
ATC100B430JT500XT
ATC
C9, C10
3.3 pF Chip Capacitor
ATC100B3R3CT500XT
ATC
C11
0.7 pF Chip Capacitor
ATC100B0R7BT500XT
ATC
C12, C13
36 pF Chip Capacitor
ATC100B360JT500XT
ATC
C14, C15
5.1 pF Chip Capacitor
ATC100B5R1CT500XT
ATC
C16
5.6 pF Chip Capacitor
ATC100B5R6CT500XT
ATC
C17, C18
0.01 F Chip Capacitor
C1825C103K1GACTU
Kemet
C25, C26, C27, C28
470 F, 63 V Electrolytic Capacitor
MCGPR63V477M13X26--RH
Multicomp
Coax1, Coax2, Coax3, Coax4
35  Semi Rigid Coax 1.98 Shield Length
HSF--141--35--C
Hongsen Cable
L1, L2
12 nH Inductor, 3 Turns
GA3094--ALC
Coilcraft
R1, R2
5.6  1/4 W Chip Resistor
CRCW12065R60FKEA
Vishay
PCB
Arlon, AD255A, 0.03, r =2.55
D89532
MTL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com